Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT640 Datasheet(PDF) 2 Page - ON Semiconductor

Part # 74ACT640
Description  Octal 3?뭆tate Inverting Transciever
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74ACT640 Datasheet(HTML) 2 Page - ON Semiconductor

  74ACT640 Datasheet HTML 1Page - ON Semiconductor 74ACT640 Datasheet HTML 2Page - ON Semiconductor 74ACT640 Datasheet HTML 3Page - ON Semiconductor 74ACT640 Datasheet HTML 4Page - ON Semiconductor 74ACT640 Datasheet HTML 5Page - ON Semiconductor 74ACT640 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MC74ACT640
http://onsemi.com
2
MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage
*0.5 to )7.0
V
VI
DC Input Voltage
*0.5 v VI v VCC )0.5
V
VO
DC Output Voltage
(Note 1)
*0.5 v VO v VCC )0.5
V
IIK
DC Input Diode Current
$20
mA
IOK
DC Output Diode Current
$50
mA
IO
DC Output Sink/Source Current
$50
mA
ICC
DC Supply Current per Output Pin
$50
mA
IGND
DC Ground Current per Output Pin
$50
mA
TSTG
Storage Temperature Range
*65 to )150
_C
TL
Lead temperature, 1 mm from Case for 10 Seconds
260
_C
TJ
Junction temperature under Bias
)150
_C
qJA
Thermal resistance
PDIP
SOIC
67
96
_C/W
PD
Power Dissipation in Still Air at 85
_C
PDIP
SOIC
750
500
mW
MSL
Moisture Sensitivity
Level 1
FR
Flammability Rating
Oxygen Index: 30% − 35%
UL 94 V−0 @ 0.125 in
VESD
ESD Withstand Voltage
Human Body Model (Note 2)
Machine Model (Note 3)
Charged Device Model (Note 4)
> 2000
> 200
> 1000
V
ILatchup
Latchup Performance
Above VCC and Below GND at 85_C (Note 5)
$100
mA
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. IO absolute maximum rating must be observed.
2. Tested to EIA/JESD22−A114−A.
3. Tested to EIA/JESD22−A115−A.
4. Tested to JESD22−C101−A.
5. Tested to EIA/JESD78.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Typ
Max
Unit
VCC
DC Input Voltage (Referenced to GND)
4.5
5.5
V
Vin, Vout
DC Input Voltage, Output Voltage (Referenced to GND)
0
VCC
V
TA
Operating Temperature, All Package Types
−40
25
+85
°C
tr, tf
Input Rise and Fall Time (Note 7)
VCC = 4.5 V
VCC = 5.5 V
0
0
10
8.0
10
8.0
ns/V
TJ
Junction Temperature (PDIP)
140
°C
IOH
Output Current − High
−24
mA
IOL
Output Current − Low
24
mA
6. Unused Inputs may not be left open. All inputs must be tied to a high voltage level or low logic voltage level.
7. Vin from 0.8 V to 2.0 V; refer to individual Data Sheets for devices that differ from the typical input rise and fall times.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com