Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL1451-S16-R Datasheet(PDF) 9 Page - Unisonic Technologies

Part # TL1451-S16-R
Description  DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TL1451-S16-R Datasheet(HTML) 9 Page - Unisonic Technologies

Back Button TL1451-S16-R Datasheet HTML 5Page - Unisonic Technologies TL1451-S16-R Datasheet HTML 6Page - Unisonic Technologies TL1451-S16-R Datasheet HTML 7Page - Unisonic Technologies TL1451-S16-R Datasheet HTML 8Page - Unisonic Technologies TL1451-S16-R Datasheet HTML 9Page - Unisonic Technologies TL1451-S16-R Datasheet HTML 10Page - Unisonic Technologies TL1451-S16-R Datasheet HTML 11Page - Unisonic Technologies TL1451-S16-R Datasheet HTML 12Page - Unisonic Technologies TL1451-S16-R Datasheet HTML 13Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
TL1451
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
9 of 14
www.unisonic.com.tw
QW-R103-011,C
TYPICAL CHARACTERISTICS(Cont.)
0
10k
100k
1k
50
100
Closed-Loop Gain and Phase Shift vs Frequency
Frequency, f (Hz)
30
70
1M
10
60
20
VCC = 5V
CREF = 470pF
Ta= 25℃
Closed-Loop Gain
(Left Scale)
Phase Shift
(Right Scale)
40
-90°
-80°
-70°
-60°
-50°
-40°
-30°
-20°
-10°
+
-
VREF
39kΩ
39kΩ
CREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com