Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL1451-S16-R Datasheet(PDF) 10 Page - Unisonic Technologies

Part # TL1451-S16-R
Description  DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TL1451-S16-R Datasheet(HTML) 10 Page - Unisonic Technologies

Back Button TL1451-S16-R Datasheet HTML 6Page - Unisonic Technologies TL1451-S16-R Datasheet HTML 7Page - Unisonic Technologies TL1451-S16-R Datasheet HTML 8Page - Unisonic Technologies TL1451-S16-R Datasheet HTML 9Page - Unisonic Technologies TL1451-S16-R Datasheet HTML 10Page - Unisonic Technologies TL1451-S16-R Datasheet HTML 11Page - Unisonic Technologies TL1451-S16-R Datasheet HTML 12Page - Unisonic Technologies TL1451-S16-R Datasheet HTML 13Page - Unisonic Technologies TL1451-S16-R Datasheet HTML 14Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
TL1451
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
10 of 14
www.unisonic.com.tw
QW-R103-011,C
TYPICAL CHARACTERISTICS(Cont.)
0
01 0
15
5
80
O u tput S in k C u rrent v s
C o llec to r O u tput S a tu ra tion V o lta g e
C o lle c to r O u tp u t S a tu ra tio n V o lta g e (V )
60
12 0
20
20
10 0
40
Ta = -2 0 ℃
Ta = 2 5 ℃
Ta = 8 5 ℃
V CC = 3.6V
10
30
50
70
90
11 0
VO (REF) -0.07
-25
50
75
0
VO (REF) -0.03
Maximum Output Voltage Swing vs
Free-Air Temperature
Free-Air Temperature, Ta ()
VO (REF) -0.04
VO (REF) -0.01
100
VO (REF) -0.06
VO (REF) -0.02
VO (REF) -0.05
Maximum Output
Voltage Swing (Right Scale)
Maximum Output Voltage
Swing (Right Scale)
25
0.8
0.7
1
0.5
0.9
0.6
+
-
VREF
33kΩ
33kΩ
RL
100kΩ
Vvom - 1
VCC = 3.6V
RL = 100kΩ
VOM+1 = 1.25V
VOM-1 = 1.15V (Right Scale)
VOM-1 = 1.35V (Left Scale)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com