Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL1451-S16-R Datasheet(PDF) 11 Page - Unisonic Technologies

Part # TL1451-S16-R
Description  DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TL1451-S16-R Datasheet(HTML) 11 Page - Unisonic Technologies

Back Button TL1451-S16-R Datasheet HTML 6Page - Unisonic Technologies TL1451-S16-R Datasheet HTML 7Page - Unisonic Technologies TL1451-S16-R Datasheet HTML 8Page - Unisonic Technologies TL1451-S16-R Datasheet HTML 9Page - Unisonic Technologies TL1451-S16-R Datasheet HTML 10Page - Unisonic Technologies TL1451-S16-R Datasheet HTML 11Page - Unisonic Technologies TL1451-S16-R Datasheet HTML 12Page - Unisonic Technologies TL1451-S16-R Datasheet HTML 13Page - Unisonic Technologies TL1451-S16-R Datasheet HTML 14Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
TL1451
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
11 of 14
www.unisonic.com.tw
QW-R103-011,C
TYPICAL CHARACTERISTICS
1M
1k
40k
400k
4k
10k
Triangle Oscillator Frequency vs
Timing Resistance
Timing Resistance, RT (Ω)
3
-2
-25
50
75
0
1
25
Oscillator Frequency Variation vs
Free-Air Temperature
Free - Air Temperature, Ta ()
0
-3
2
100k
10k
1k
VCC = 3.6V
RT = 10kΩ
CT = 330pF
fOSC = 200kHz
100
CT = 150pF
VCC = 5V
Ta = 25℃
100k
1M
CT = 1500pF
CT = 15000pF
-1
2.6
10
1
10
3
10
2
Triangle Waveform Awing Voltage vs
Timing Capacitance
Timing Capacitance, CT (pF)
10
2
10
1
Triangle Waveform Period vs
Timing Capacitance
10
-1
2
1.4
0.8
10
4
10
5
10
0
VCC = 5V
RT = 5.1kΩ
Ta = 25℃
1.2
1
2.4
2.2
1.8
1.6
10
1
10
3
10
2
10
4
10
5
VCC = 5V
RT = 5.1kΩ
Ta = 25℃
Timing Capacitance, CT (pF)
30
-20
-25
50
75
0
10
25
Reference Output Voltage Variation vs
Free-Air Temperature
Free - Air Temperature, Ta (℃)
0
-30
20
100
-10
30
-20
-25
50
75
0
10
25
Reference Output Voltage Variation vs
Free-Air Temperature
Free - Air Temperature, Ta (℃)
0
-30
20
VCC = 3.6V
II(REF) = 1mA
100
-10
VCC = 40V
II(REF) = 1mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com