Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U3525L-S16-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # U3525L-S16-R
Description  REGULATING PWM IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U3525L-S16-R Datasheet(HTML) 2 Page - Unisonic Technologies

  U3525L-S16-R Datasheet HTML 1Page - Unisonic Technologies U3525L-S16-R Datasheet HTML 2Page - Unisonic Technologies U3525L-S16-R Datasheet HTML 3Page - Unisonic Technologies U3525L-S16-R Datasheet HTML 4Page - Unisonic Technologies U3525L-S16-R Datasheet HTML 5Page - Unisonic Technologies U3525L-S16-R Datasheet HTML 6Page - Unisonic Technologies U3525L-S16-R Datasheet HTML 7Page - Unisonic Technologies U3525L-S16-R Datasheet HTML 8Page - Unisonic Technologies U3525L-S16-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
U3525
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 9
www.unisonic.com.tw
QW-R103-032,A
PIN CONNECTIONS (top view)
VREF
+VI
OUTPUT B
VC
GROUND
OUTPUT A
SHUT DOWN
COMP
9
10
11
12
13
14
15
16
1
2
3
4
5
6
7
8
SOFT-START
RT
DISCHARGE
CT
OSC.OUTPUT
SYNC
N.I.INPUT
INV.INPUT
THERMAL DATA
PARAMETER
SYMBOL
RATING
UNIT
DIP16
θJA
80
°C/W
Thermal Resistance Junction-ambient
SOP-16
θJA
50
°C/W
Note:Thermal resistance junction-alumina with the device soldered on the middle of an alumina supporting
substrate measuring 15×20 mm; 0.65 mm thickness with infinite heat sink.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com