Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U3525L-S16-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U3525L-S16-R
Description  REGULATING PWM IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U3525L-S16-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U3525L-S16-R Datasheet HTML 1Page - Unisonic Technologies U3525L-S16-R Datasheet HTML 2Page - Unisonic Technologies U3525L-S16-R Datasheet HTML 3Page - Unisonic Technologies U3525L-S16-R Datasheet HTML 4Page - Unisonic Technologies U3525L-S16-R Datasheet HTML 5Page - Unisonic Technologies U3525L-S16-R Datasheet HTML 6Page - Unisonic Technologies U3525L-S16-R Datasheet HTML 7Page - Unisonic Technologies U3525L-S16-R Datasheet HTML 8Page - Unisonic Technologies U3525L-S16-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U3525
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1of 9
Copyright © 2005 Unisonic Technologies Co., Ltd
QW-R103-032,A
REGULATING PWM IC
DESCRIPTION
The UTC U3525 is a pulse width modulator IC and designed for
switching power supplies application to improve performance and
reduce external parts usage.
A shutdown terminal controls both the soft-start circuitry and the
output stages, providing instantaneous turn off through the PWM
latch with pulsed shutdown, as well as soft-start recycle with longer
shutdown commands. The output stage features NOR logic, giving
a LOW output for an OFF state. An under-voltage lockout circuitry,
which keeps the outputs off and the soft-start capacitor discharged
for sub-normal input voltages, includes approximately 500 mV of
hysteresis for jitter free operation. The PWM circuits also feature a
latch following the comparator. When a PWM pulses has been
terminated, the outputs will remain off for the duration of the period.
The latch is reset with each clock pulse. The output stages are
totem-pole designs capable of sourcing or sinking in excess of
200mA.
FEATURES
* Input Voltage: 8~35V
* On-chip +5.1V reference is trimmed to ±1%
* 100HZ ~ 500KHZ oscillator range
* Separate oscillator sync terminal
* Adjustable dead time control
* Internal soft-start
* Pulse-by-pulse shutdown
* Input under-voltage lockout with hysteresis
* Latching PWM to prevent multiple pulses
* Dual source/sink output drivers
DIP- 16
SOP-16
*Pb-free plating product number: U3525L
ORDERING INFORMATION
Order Number
Normal
Lead Free Plating
Package
Packing
U3525-D16-T
U3525L-D16-T
DIP-16
Tube
U3525-S16-R
U3525L-S16-R
SOP-16
Tape Reel
U3525-S16-T
U3525L-S16-T
SOP-16
Tube
U3525L-D16-T
(1)Packing Type
(2)Package Type
(3)Lead Plating
(1) R: Tape Reel, T: Tube
(2) D16: DIP-16, S16: SOP-16
(3) L: Lead Free Plating, Blank: Pb/Sn


Similar Part No. - U3525L-S16-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U3525L-S16-R UTC-U3525L-S16-R Datasheet
294Kb / 9P
REGULATING PWM IC
More results

Similar Description - U3525L-S16-R

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE2AS01 INFINEON-ICE2AS01 Datasheet
1Mb / 24P
PWM-FF IC
V2.0, 1 Feb 2002
logo
E-Tech Electronics LTD
U3525 ETL-U3525 Datasheet
294Kb / 9P
REGULATING PWM IC
logo
Unisonic Technologies
U3525 UTC-U3525_15 Datasheet
294Kb / 9P
REGULATING PWM IC
logo
ON Semiconductor
LV8824QA ONSEMI-LV8824QA Datasheet
909Kb / 13P
PWM Driver IC
May, 2013
logo
Rohm
BM1P065FJ ROHM-BM1P065FJ Datasheet
1Mb / 31P
PWM Control IC
BM1P066FJ ROHM-BM1P066FJ Datasheet
1Mb / 31P
PWM Control IC
BM1P067FJ ROHM-BM1P067FJ Datasheet
1Mb / 30P
PWM Control IC
BM1P068FJ ROHM-BM1P068FJ Datasheet
1Mb / 30P
PWM Control IC
BM1P107FJ ROHM-BM1P107FJ Datasheet
1Mb / 30P
PWM Control IC
logo
Unisonic Technologies
U3525 UTC-U3525_16 Datasheet
294Kb / 10P
REGULATING PWM IC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com