Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U3525L-S16-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # U3525L-S16-R
Description  REGULATING PWM IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U3525L-S16-R Datasheet(HTML) 7 Page - Unisonic Technologies

  U3525L-S16-R Datasheet HTML 1Page - Unisonic Technologies U3525L-S16-R Datasheet HTML 2Page - Unisonic Technologies U3525L-S16-R Datasheet HTML 3Page - Unisonic Technologies U3525L-S16-R Datasheet HTML 4Page - Unisonic Technologies U3525L-S16-R Datasheet HTML 5Page - Unisonic Technologies U3525L-S16-R Datasheet HTML 6Page - Unisonic Technologies U3525L-S16-R Datasheet HTML 7Page - Unisonic Technologies U3525L-S16-R Datasheet HTML 8Page - Unisonic Technologies U3525L-S16-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
U3525
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
7 of 9
www.unisonic.com.tw
QW-R103-032,A
APPLICATION INFORMATION AND CIRCUIT
SHUTDOWN OPTIONS (see Block Diagram)
Since both the compensation and soft-start terminals (Pins 9 and 8) have current source pull-ups, either can
readily accept a pull-down signal which only has to sink a maximum of 100µA to turn off the outputs. This is
subject to the added requirement of discharging whatever external capacitance may be attached to these pins.
An alternate approach is the use of the shutdown circuitry of Pin 10 which has been improved to enhance the
available shutdown options. Activating this circuit by applying a positive signal on Pin 10 performs two functions:
the PWM latch is immediately set providing the fastest turn-off signal to the outputs; and a 150µA current sink
begins to discharge the external soft-start capacitor. If the shutdown command is short, the PWM signal is
terminated without significant discharge of the soft-start capacitor, thus, allowing, for example, a convenient
implementation of pulse-by-pulse current limiting. Holding Pin 10 high for a longer duration, however, will
ultimately discharge this external capacitor, recycling slow turn-on upon release.
Pin 10 should not be left floating as noise pickup could conceivably interrupt normal operation.
OSCILLATOR SCHEMATIC
Q9
Q8
400μA
25KΩ
BLANKING
TO OUTPUT
TO PWM
COMPARATOR
RT
2kΩ
2kΩ
Q10 Q11
5pF
23KΩ
1KΩ
Q16
1KΩ
Q15
Q14
DISCHARGE
SYNC.
GND
Q12
Q13
3KΩ
250Ω
CLOCK
4
Q17
14KΩ
7.4KΩ
15
VREF
6
5
CT
Q6
Q5
Q1
Q3
7
Q2
Q4
Q7



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com