Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD400 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2SD400
Description  isc Silicon NPN Power Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SD400 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2SD400 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SD400 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SD400 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
isc Silicon NPN Power Transistor
2SD400
www.iscsemi.com
2023-9-05
1
DESCRIPTION
·
Collector-Emitter Breakdown Voltage
-V(BR)CEO= 25V(Min)
·
Collector-Emitter Saturation Voltage
-VCE(sat)= 0.3 V(Max) @IC=0.5A
APPLICATIONS
·
Designed for power amplifier,high speed switching and
regulated power supply applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
25
V
VCEO
Collector-Emitter Voltage
25
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current-Continuous
1
A
PC
Collector Power Dissipation
0.75
W
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature Range
-55~150
℃


Similar Part No. - 2SD400

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SD400 SANYO-2SD400 Datasheet
445Kb / 5P
Low-Frequency Power Amp, Electronic Governor Applications
logo
Foshan Blue Rocket Elec...
2SD400 FOSHAN-2SD400 Datasheet
1Mb / 6P
Silicon NPN transistor in a TO-92LM Plastic Package
logo
Jiangsu Changjiang Elec...
2SD400 JIANGSU-2SD400 Datasheet
3Mb / 3P
TO-92L Plastic-Encapsulate Transistors
logo
List of Unclassifed Man...
2SD400 ETC-2SD400 Datasheet
220Kb / 2P
TO-92MOD Transistor (NPN)
More results

Similar Description - 2SD400

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BD907 ISC-BD907 Datasheet
106Kb / 2P
isc Silicon NPN Power Transistor
BU2727AF ISC-BU2727AF Datasheet
98Kb / 2P
isc Silicon NPN Power Transistor
BU326 ISC-BU326 Datasheet
57Kb / 2P
isc Silicon NPN Power Transistor
BU326A ISC-BU326A Datasheet
129Kb / 2P
isc Silicon NPN Power Transistor
MJ413 ISC-MJ413 Datasheet
71Kb / 2P
isc Silicon NPN Power Transistor
BUX47A ISC-BUX47A Datasheet
76Kb / 2P
isc Silicon NPN Power Transistor
BUV48CFI ISC-BUV48CFI Datasheet
111Kb / 2P
isc Silicon NPN Power Transistor
BUV70 ISC-BUV70 Datasheet
102Kb / 2P
isc Silicon NPN Power Transistor
BU406 ISC-BU406 Datasheet
134Kb / 3P
isc Silicon NPN Power Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com