Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25VF080B Datasheet(PDF) 13 Page - Microchip Technology

Part # SST25VF080B
Description  8-Mbit SPI Serial Flash
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25VF080B Datasheet(HTML) 13 Page - Microchip Technology

Back Button SST25VF080B_V01 Datasheet HTML 9Page - Microchip Technology SST25VF080B_V01 Datasheet HTML 10Page - Microchip Technology SST25VF080B_V01 Datasheet HTML 11Page - Microchip Technology SST25VF080B_V01 Datasheet HTML 12Page - Microchip Technology SST25VF080B_V01 Datasheet HTML 13Page - Microchip Technology SST25VF080B_V01 Datasheet HTML 14Page - Microchip Technology SST25VF080B_V01 Datasheet HTML 15Page - Microchip Technology SST25VF080B_V01 Datasheet HTML 16Page - Microchip Technology SST25VF080B_V01 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
2005-2020 Microchip Technology Inc.
DS20005045D-page 13
SST25VF080B
4.4.9
CHIP ERASE
The Chip Erase instruction clears all bits in the device
to FFH. A Chip Erase instruction will be ignored if any
of the memory area is protected. Prior to any Write
operation, the Write Enable (WREN) instruction must be
executed. CE# must remain active-low for the duration
of the Chip Erase instruction sequence. The Chip
Erase instruction is initiated by executing an 8-bit com-
mand, 60H or C7H. CE# must be driven high before the
instruction is executed. The user may poll the BUSY bit
in the Software STATUS Register or wait TCE for the
completion of the internal self-timed Chip Erase cycle.
See Figure 4-13 for the Chip Erase sequence.
FIGURE 4-13:
CHIP ERASE SEQUENCE
4.4.10
READ STATUS REGISTER (RDSR)
The Read STATUS Register (RDSR) instruction allows
reading of the STATUS Register. The STATUS Register
may be read at any time even during a write (program/
erase) operation. When a write operation is in prog-
ress, the BUSY bit may be checked before sending any
new commands to assure that the new commands are
properly received by the device. CE# must be driven
low before the RDSR instruction is entered and remain
low until the status data is read. Read STATUS Regis-
ter is continuous with ongoing clock cycles until it is ter-
minated by a low-to-high transition of the CE#. See
Figure 4-14 for the RDSR instruction sequence.
FIGURE 4-14:
READ STATUS REGISTER (
RDSR) SEQUENCE
4.4.11
WRITE ENABLE (WREN) SEQUENCE
The Write Enable (WREN) instruction sets the Write-
Enable Latch bit in the STATUS Register to ‘1’ allowing
Write operations to occur. The WREN instruction must
be executed prior to any write (program/erase) opera-
tion. The WREN instruction may also be used to allow
execution of the Write STATUS Register (WRSR)
instruction; however, the Write Enable Latch bit in the
STATUS Register will be cleared upon the rising edge
CE# of the WRSR instruction. CE# must be driven high
before the WREN instruction is executed.
FIGURE 4-15:
WRITE ENABLE (
WREN)
SEQUENCE
CE#
SO
SI
SCK
0 1 234 5 6 7
60 or C7
MS
H
I
MODE 0
MODE 3
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
MODE 3
SCK
SI
SO
CE#
Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0
05
MODE 0
High-Impedance
Register Out
MSb
MS
CE#
SO
SI
SCK
0 1 234 5 6 7
06
MS
H
I
MODE 0
MODE 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com