Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25VF080B Datasheet(PDF) 15 Page - Microchip Technology

Part # SST25VF080B
Description  8-Mbit SPI Serial Flash
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25VF080B Datasheet(HTML) 15 Page - Microchip Technology

Back Button SST25VF080B_V01 Datasheet HTML 11Page - Microchip Technology SST25VF080B_V01 Datasheet HTML 12Page - Microchip Technology SST25VF080B_V01 Datasheet HTML 13Page - Microchip Technology SST25VF080B_V01 Datasheet HTML 14Page - Microchip Technology SST25VF080B_V01 Datasheet HTML 15Page - Microchip Technology SST25VF080B_V01 Datasheet HTML 16Page - Microchip Technology SST25VF080B_V01 Datasheet HTML 17Page - Microchip Technology SST25VF080B_V01 Datasheet HTML 18Page - Microchip Technology SST25VF080B_V01 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 33 page
background image
2005-2020 Microchip Technology Inc.
DS20005045D-page 15
SST25VF080B
4.4.15
JEDEC READ-ID
The JEDEC Read-ID instruction identifies the device as
SST25VF080B and the manufacturer as Microchip.
The device information can be read from executing the
8-bit command, 9FH. Following the JEDEC Read-ID
instruction, the 8-bit manufacturer’s ID, BFH, is output
from the device. After that, a 16-bit device ID is shifted
out on the SO pin. Byte 1, BFH, identifies the manufac-
turer as Microchip. Byte 2, 25H, identifies the memory
type as SPI Serial Flash. Byte 3, 8EH, identifies the
device as SST25VF080B. The instruction sequence is
shown in Figure 4-18. The JEDEC Read ID instruction
is terminated by a low to high transition on CE# at any
time during data output.
FIGURE 4-18:
JEDEC READ-ID SEQUENCE
4.4.16
READ-ID (RDID)
The Read-ID (RDID) instruction identifies the devices
as SST25VF080B and manufacturer as Microchip.
This command is backward compatible and should be
used as default device identification when multiple ver-
sions of SPI Serial Flash devices are used in a design.
The device information can be read from executing an
8-bit command, 90H or ABH, followed by address bits
[A23-A0]. Following the Read-ID instruction, the manu-
facturer’s ID is located in address 00000H and the
device ID is located in address 00001H. Once the
device is in Read-ID mode, the manufacturer’s and
device ID output data toggles between address
00000H and 00001H until terminated by a low-to-high
transition on CE#.
Refer to Table 4-5 and Table 4-6 for device identifica-
tion data.
TABLE 4-5:
JEDEC READ-ID DATA
Manufacturer’s ID
Device ID
Memory Type
Memory Capacity
Byte1
Byte 2
Byte 3
BFH
25H
8EH
25
8E
CE#
SO
SI
SCK
012345678
High-Impedance
15 16
14
28 29 30 31
BF
MODE 3
MODE 0
MS
MS
9 10 11 1213
1718
32
34
9F
19 20 21 22 23
33
24 25 26 27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com