Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

887FU-331M Datasheet(PDF) 1 Page - TOKO, Inc

Part # 887FU-331M
Description  Fixed Inductors for EL Lamp Driver
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

887FU-331M Datasheet(HTML) 1 Page - TOKO, Inc

  887FU-331M Datasheet HTML 1Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Fixed Inductors for EL Lamp Driver EL駆動用 面実装
づけ
固定インダクタ
Inductance Range:
330~3300µH
SELECTION GUIDE FOR STANDARD COILS
DIMENSIONS/外形寸法図
FEATURES/特 長
D32FU
Recommended patterns
推奨パターン図
0.4
0.8
3.5 Max.
2.2 Max.
• Low profile (3.5mm Max. square, 2.2mm Max. height).
• Ideal for a variety EL lamp inverter inductor application
• RoHS compliant.
• 小型薄形構造(3.5mm角Max.、高さ2.2mm Max.)
• ELランプインバータ用に最適
• RoHS指令対応
3.3
3.9
(Unit: mm)
0.5
1.5
Resist Zone
TYPE D32FU (Quantity/reel; 2,000 PCS)
東光品番
インダクタンス(1)
許容差
直流抵抗(2)
最大許容電流(3)
TOKO
Part
Number
Inductance(1)
(µH)
Tolerance
(%)
DC
Resistance(2)
(Ω) Max.
Rated
DC Current(3)
(mA) Max.
#887FU-331M
330
± 20
9.7
109
#887FU-391M
390
± 20
12.0
96
#887FU-471M
470
± 20
14.0
90
#887FU-561M
560
± 20
18.0
81
#887FU-681M
680
± 20
20.0
74
#887FU-821M
820
± 20
30.0
61
#887FU-102M
1000
± 20
34.0
56
#887FU-122M
1200
± 20
35.0
57
#887FU-152M
1500
± 20
56.0
42
#887FU-182M
1800
± 20
59.0
43
#887FU-222M
2200
± 20
67.0
42
#887FU-252M
2500
± 20
81.0
37
#887FU-272M
2700
± 20
93.0
33
#887FU-332M
3300
± 20
113.0
30
(1) Inductance is measured with a LCR meter 4284A (Agilent
Technologies) or equivalent.
Test frequency at 100kHz
(2) DC resistance is measured with a Digital Multimeter TR6871
(Advantest) or equivalent.
(3) The maximum allowable current is a DC current which causes initial
inductance to decrease by 10%, or coil temperature to rise by 40°C,
whichever is smaller.
(the ambient reference temperature: 20°C)
(1) インダクタンスはLCRメータ4284A(Agilent Technologies)または
同等品により測定する。
測定周波数は100kHzです。
(2) 直流抵抗はデジタルマルチメータTR6871(Advantest)または同等品
により測定する。
(3) 最大許容電流は、直流重畳電流を流した時インダクタンスの値が初
期値より10%減少する直流電流値、温度上昇は、コイルの温度が
40℃上昇の何れか小さい値です。(周囲温度20℃を基準とする。)
(Unit: mm)


Similar Part No. - 887FU-331M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
887 ETC1-887 Datasheet
225Kb / 2P
Model 888,887 18&20 pin Dual In-Line Thick Film Resistor Network
logo
Adafruit Industries
887 ADAFRUIT-887 Datasheet
132Kb / 3P
Cool White LED Weatherproof Flexi-Strip 60 LED - (1 m)
7/23/2015
logo
Keystone Electronics Co...
887 KEYSTONE-887 Datasheet
282Kb / 1P
SPACERS & STANDOFFS
31-07 20th
logo
EDAC, All Rights Reserv...
887-006-500-101 EDAC-887-006-500-101 Datasheet
294Kb / 4P
887 Series High Temp Card Edge Connector | Black | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | High Profile Insulator
887-006-500-101 EDAC-887-006-500-101 Datasheet
135Kb / 4P
887 Series,High Temp Card Edge Connector | Black | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | High Profile Insulator
More results

Similar Description - 887FU-331M

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV832DB1 SUTEX-HV832DB1 Datasheet
445Kb / 2P
Dual EL Lamp Driver
HV833DB1 SUTEX-HV833DB1 Datasheet
38Kb / 2P
EL Lamp Driver
HV857DB1 SUTEX-HV857DB1 Datasheet
437Kb / 2P
EL Lamp Driver
logo
TOKO, Inc
TK6592X TOKO-TK6592X Datasheet
199Kb / 20P
MEDIUM EL LAMP DRIVER
TK6593X TOKO-TK6593X Datasheet
194Kb / 16P
LARGE EL LAMP DRIVER
logo
IMP, Inc
IMP522 IMP-IMP522 Datasheet
128Kb / 6P
Dual EL Lamp Driver
logo
List of Unclassifed Man...
M5003 ETC-M5003 Datasheet
108Kb / 4P
EL LAMP DRIVER IC
logo
TOKO, Inc
D31FU TOKO-D31FU Datasheet
91Kb / 1P
Fixed Inductors for EL Lamp Driver
logo
BOWIN ELECTRONIC CO.
M3802 BOWIN-M3802 Datasheet
43Kb / 3P
EL LAMP DRIVER CONTROLLER
logo
SHENZHEN FUMAN ELECTRON...
SC1001 FUMAN-SC1001 Datasheet
158Kb / 5P
EL LAMP DRIVER IC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com