Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV341 Datasheet(PDF) 15 Page - Texas Instruments

Part # TLV341
Description  TLV34xx Low-Voltage Rail-to-Rail Output CMOS Operational Amplifiers With Shutdown
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV341 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TLV341_V01 Datasheet HTML 11Page - Texas Instruments TLV341_V01 Datasheet HTML 12Page - Texas Instruments TLV341_V01 Datasheet HTML 13Page - Texas Instruments TLV341_V01 Datasheet HTML 14Page - Texas Instruments TLV341_V01 Datasheet HTML 15Page - Texas Instruments TLV341_V01 Datasheet HTML 16Page - Texas Instruments TLV341_V01 Datasheet HTML 17Page - Texas Instruments TLV341_V01 Datasheet HTML 18Page - Texas Instruments TLV341_V01 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
Copyright © 2016, Texas Instruments Incorporated
15
TLV341, TLV341A, TLV342, TLV342S
www.ti.com
SLVS568D – JANUARY 2005 – REVISED APRIL 2016
Product Folder Links: TLV341 TLV341A TLV342 TLV342S
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The TLV34xx devices are precision operational amplifiers with CMOS inputs for very low input bias current.
Grade A devices offer lower VIO for high accuracy in direct-coupled applications. Output is rail to rail and input
common mode includes ground. TLV341 and TLV342S have shutdown mode for very low supply current.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 PMOS Input Stage
PMOS Input Stage supports a lower input range that includes ground. Upper range limit is VCC – 0.6 V.
7.3.2 CMOS Output Stage
The CMOS drain output topology allows rail-to-rail output swing.
7.3.3 Shutdown
TLV341 and TLV342S include a shutdown pin. During shutdown, ICC is nearly zero and the output becomes high
impedance. The typical turnon time coming out of shutdown is 5 µs.
7.4 Device Functional Modes
The TLV34xx devices have two operation modes:
•
Normal operation when SHDN pin is at V+ level or the SHDN pin is not present
•
Shutdown mode when SHDN is at GND level; ICC is very low and output is high impedance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com