Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV341 Datasheet(PDF) 12 Page - Texas Instruments

Part # TLV341
Description  TLV34xx Low-Voltage Rail-to-Rail Output CMOS Operational Amplifiers With Shutdown
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV341 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLV341_V01 Datasheet HTML 8Page - Texas Instruments TLV341_V01 Datasheet HTML 9Page - Texas Instruments TLV341_V01 Datasheet HTML 10Page - Texas Instruments TLV341_V01 Datasheet HTML 11Page - Texas Instruments TLV341_V01 Datasheet HTML 12Page - Texas Instruments TLV341_V01 Datasheet HTML 13Page - Texas Instruments TLV341_V01 Datasheet HTML 14Page - Texas Instruments TLV341_V01 Datasheet HTML 15Page - Texas Instruments TLV341_V01 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
f − Frequency − kHz
1
10
100
1K
10K
0
20
40
60
80
100
120
140
160
V+ = 5 V
Closed-Loop
Gain = 60 dB
RL = 600
RL = 2 k
RL = 100 k
RL = 2 k
RL = 600
Gain
Phase
−20
0
20
40
60
80
100
120
140
RL = 100 k
f − Frequency − kHz
1
10
100
1K
10K
−80
−60
−40
−20
0
20
40
60
80
100
CL = 0 pF
CL = 100 pF
CL = 500 pF
CL = 1000 pF
V+ = 5 V
RL = 600
Closed-Loop Gain = 60 dB
CL = 1000 pF
CL = 0 pF
CL = 500 pF
Gain
Phase
−20
0
20
40
60
80
100
120
140
−40
CL = 100 pF
f − Frequency − kHz
1
10
100
1K
10K
0
20
40
60
80
100
120
140
160
V+ = 2.7 V
Closed-Loop
Gain = 60 dB
RL = 100 k
RL = 2 k
RL = 600
Gain
Phase
−20
0
20
40
60
80
100
120
140
RL = 600
RL = 100 k
RL = 2 W
f − Frequency − kHz
1
10
100
1K
10K
0
20
40
60
80
100
120
140
160
V+ = 5 V
RL = 2 k
125 C
°
−40°C
25°C
Gain
Phase
−20
0
20
40
60
80
100
120
140
125 C
°
−40°C
25 C
°
VO − Output Voltage − VPP
0.001
0.01
0.1
1
10
f = 10 kHz
RL = 600
5 V
AV = 10
5 V
AV = 1
2.7 V
AV = 1
2.7 V
AV = 10
0.01
0.1
1
10
f − Frequency − Hz
10
100
1K
10K
100K
RL = 600
VO = 1 VPP for V+ = 2.7 V
VO = 2.5 VPP for V+ = 5 V
2.7 V
AV = 10
5 V
AV = 10
5 V
AV = 1
2.7 V
AV = 1
0.0001
0.001
0.01
0.1
1
10
12
TLV341, TLV341A, TLV342, TLV342S
SLVS568D – JANUARY 2005 – REVISED APRIL 2016
www.ti.com
Product Folder Links: TLV341 TLV341A TLV342 TLV342S
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
Figure 19. Total Harmonic Distortion +Noise
vs Frequency
Figure 20. Total Harmonic Distortion +Noise
vs Output Voltage
Figure 21. Frequency Response vs
Temperature
Figure 22. Frequency Response vs RL
Figure 23. Frequency Response vs RL
Figure 24. Frequency Response vs CL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com