Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4617 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2SC4617
Description  GENERAL PURPOSE TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC4617 Datasheet(HTML) 2 Page - Unisonic Technologies

  2SC4617 Datasheet HTML 1Page - Unisonic Technologies 2SC4617 Datasheet HTML 2Page - Unisonic Technologies 2SC4617 Datasheet HTML 3Page - Unisonic Technologies 2SC4617 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SC4617
NPN EPITAXIAL SILICON TRANSISTOR
UNISONIC TECHNOLOGIES CO., LTD
2
www.unisonic.com.tw
QW-R206-081,A
ABSOLUATE MAXIUM RATINGS (Ta = 25℃)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector -Base Voltage
VCBO
60
V
Collector -Emitter Voltage
VCEO
50
V
Emitter -Base Voltage
VEBO
7
V
DC Collector Current
IC
150
mA
Power Dissipation
PD
150
mW
Operating Temperature
TJ
+150
℃
Storage Temperature
TSTG
-40 ~ +150
℃
ELECTRICAL CHARACTERISTICS (Ta= 25℃, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector Base Breakdown Voltage
BVCBO
IC= 50μA
60
V
Collector Emitter Breakdown Voltage
BVCEO
IC= 1mA
50
V
Emitter-base Breakdown Voltage
BVEBO
IE=50μA
7
V
Collector Cut-Off Current
ICBO
VCB=60V
0.1
μA
Emitter Cut-Off Current
IEBO
VEB= 7V
0.1
μA
DC Current Transfer Ratio
hFE
VCE=6V,Ic=1mA
120
560
Collector-Emitter Saturation Voltage
VCE(sat)
IC=50mA, IB=5mA
0.4
V
Transition Frequency
fT
VCE=12V, IE= -2mA, f=100MHz
180
MHz
Output Capacitance
Cob
VCE= 12V, IE= 0A, f=1MHz
2
3.5
pF
CLASSIFICATION OF hFE
RANK
Q
R
S
RANGE
120 ~ 270
180 ~ 390
270 ~ 560



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com