Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4617 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 2SC4617
Description  GENERAL PURPOSE TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC4617 Datasheet(HTML) 1 Page - Unisonic Technologies

  2SC4617 Datasheet HTML 1Page - Unisonic Technologies 2SC4617 Datasheet HTML 2Page - Unisonic Technologies 2SC4617 Datasheet HTML 3Page - Unisonic Technologies 2SC4617 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO.,
2SC4617
NPN EPITAXIAL SILICON TRANSISTOR
www.unisonic.com.tw
1
Copyright © 2005 Unisonic Technologies Co.,
QW-R206-081,A
GENERAL PURPOSE
TRANSISTOR
FEATURES
* Low Cob
Cob=2.0pF
(typ)
* Complements the UTC 2SA1774
MARKING
C5
SOT-23
1
2
3
*Pb-free plating product number: 2SC4617L
PIN CONFIGURATION
PIN NO.
PIN NAME
1
Emitter
2
Base
3
Collector
ORDERING INFORMATION
Order Number
Normal
Lead free
Package
Packing
2SC4617-AE3-R 2SC4617L-AE3-R
SOT-23
Tape Reel


Similar Part No. - 2SC4617

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
2SC4617 MOTOROLA-2SC4617 Datasheet
128Kb / 6P
NPN GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT
logo
ON Semiconductor
2SC4617 ONSEMI-2SC4617 Datasheet
128Kb / 6P
General Purpose Amplifier Transistors(NPN Silicon)
November, 2001 ??Rev. 3
logo
Rohm
2SC4617 ROHM-2SC4617 Datasheet
77Kb / 3P
2SC4097 / 2SC1741S
logo
ON Semiconductor
2SC4617 ONSEMI-2SC4617 Datasheet
64Kb / 8P
NPN Silicon General Purpose Amplifier Transistor
November, 2001 ??Rev. 3
logo
Weitron Technology
2SC4617 WEITRON-2SC4617 Datasheet
240Kb / 5P
NPN General Purpose Transistors
More results

Similar Description - 2SC4617

ManufacturerPart #DatasheetDescription
logo
Rohm
EML17 ROHM-EML17 Datasheet
76Kb / 4P
General purpose transistor
logo
SeCoS Halbleitertechnol...
2SA673 SECOS-2SA673_11 Datasheet
360Kb / 2P
General Purpose Transistor
BCP772 SECOS-BCP772 Datasheet
493Kb / 2P
General Purpose Transistor
KSD471A SECOS-KSD471A Datasheet
202Kb / 2P
General Purpose Transistor
KTC3198 SECOS-KTC3198 Datasheet
109Kb / 3P
General Purpose Transistor
MMBT593 SECOS-MMBT593 Datasheet
355Kb / 2P
General Purpose Transistor
MMBT2222Q SECOS-MMBT2222Q Datasheet
257Kb / 4P
General Purpose Transistor
MMBT3904W SECOS-MMBT3904W Datasheet
419Kb / 6P
General Purpose Transistor
PZT3904 SECOS-PZT3904 Datasheet
188Kb / 5P
General Purpose Transistor
logo
WILLAS ELECTRONIC CORP
MMBT2907AWT1 WILLAS-MMBT2907AWT1 Datasheet
285Kb / 3P
General Purpose Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com