Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4617 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 2SC4617
Description  GENERAL PURPOSE TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC4617 Datasheet(HTML) 4 Page - Unisonic Technologies

  2SC4617 Datasheet HTML 1Page - Unisonic Technologies 2SC4617 Datasheet HTML 2Page - Unisonic Technologies 2SC4617 Datasheet HTML 3Page - Unisonic Technologies 2SC4617 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
2SC4617
NPN EPITAXIAL SILICON TRANSISTOR
UNISONIC TECHNOLOGIES CO., LTD
4
www.unisonic.com.tw
QW-R206-081,A
TYPICAL CHARACTERICS(cont.)
COLLECTOR CURRENT, I C (mA)
0.2
0.2
5 10
0.02
0.5
0.05
0.5
100
0.1
0.01
12
20
COLLECTOR CURRENT, I C (mA)
0.2
0.2
5 10
50
0.02
0.5
0.05
0.5
200
0.1
0.01
Collector-emitter saturation voltage vs.
collector current(Ι)
1
2
20
100
Ta = 100℃
25℃
50
IC/IB = 10
Ta = 100℃
25℃
IC/IB = 50
Collector-emitter saturation voltage vs.
collector current (Ⅱ)
COLLECTOR CURRENT, IE (mA)
500
-0.5
-5
-10
100
200
-1
-100
50
Gain bandwidth product vs. emitter current
-2
-20
-50
Ta = 25℃
VCE =6V
10
0.2
5
10
50
2
20
0.5
5
1
12
20
Ta=25℃
f=1MHz
IE=0A
IC=0A
Cib
Cob
COLLECTOR TO BASE VOLTAGE , VCB (V)
EMITTER TO BASE VOLTAGE , VEB (V)
Collector output capacitance vs. collector-base voltage
Emitter input capacitance vs. emitter-base voltage
100
-0.2
-5
-10
20
200
-0.5
50
10
-1
-2
Ta=25℃
f=32MHZ
VCB=6V
Base-collector time constant
vs. emitter current
EMITTER CURRENT, IE (mA)
U T C assum es no responsibility for equipm ent failures that result from using products at v alues that
ex ceed, ev en m om entarily, rated v alues (such as m ax im um ratings, operating condition ranges, or
other param eters) listed in products specifications of any and all U T C products described or contained
herein. U T C products are not designed for use in life support appliances, dev ices or system s where
m alfunction of these products can be reasonably ex pected to result in personal injury. R eproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. T he inform ation
presented in this docum ent does not form part of any quotation or contract, is believ ed to be accurate
and reliable and m ay be changed without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com