Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD2136 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2SD2136
Description  POWER TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SD2136 Datasheet(HTML) 2 Page - Unisonic Technologies

  2SD2136 Datasheet HTML 1Page - Unisonic Technologies 2SD2136 Datasheet HTML 2Page - Unisonic Technologies 2SD2136 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UTC2SD2136
NPN EPITAXIAL SILICON TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO. LTD
2
QW-R204-011,A
CLASSIFICATION OF hFE1
RANK
Q
P
R
RANGE
70-150
40-90
120-250
ELECTRICAL CHARACTERISTICS CURVES
I(tot)
mA
0
0
0.8
1.6
0.4
1.2
2.0
Pc-Ta
Ambient temperature Ta (℃)
20
40
60
80 100 120 140
160
I(tot)
mA
1
0
3
0
2
5
4
Collector to Emitter Voltage VCE(V)
IC-VCE
2
4
6
8
10
Tc=25℃
IB=100mA
70mA
60mA
50mA
40mA
10mA
20mA
30mA
without head sink
12
80mA
90mA
I(tot)
mA
1
0
3
0
2
5
4
Base to Emitter Voltage VBE(V)
IC-VBE
0.4
0.8
1.2
1.6
2.0
Tc=100℃
2.4
6
7
8
Tc=25℃
Tc=-25℃
VCE=4V
0.1
0.01 0.03
0.1
0.3
1
3
0.01
1
10
10
100
VCE(sat)-Ic
Collector Current Ic(A)
0.03
0.3
3
30
Tc=25℃
Tc=100℃
Tc=-25℃
IC/IB=6



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com