Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD2136 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 2SD2136
Description  POWER TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SD2136 Datasheet(HTML) 3 Page - Unisonic Technologies

  2SD2136 Datasheet HTML 1Page - Unisonic Technologies 2SD2136 Datasheet HTML 2Page - Unisonic Technologies 2SD2136 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
UTC2SD2136
NPN EPITAXIAL SILICON TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO. LTD
3
QW-R204-011,A
10
0.01 0.03
0.1
0.3
1
3
1
100
10
1000
10000
hFE-Ic
Collector Current Ic(A)
3
30
300
3000
Tc=-25℃
Tc=100℃
Tc=25℃
VCE=4V
50
-0.01 -0.03
-0.1
-0.3
-1
-3
0
100
-10
200
300
fT-Ic
Collector Current Ic(A)
150
250
VCB=10V
Tc=25℃
f=200MHz
Rth (t) ----t
10-1
10-4
10-3
10-2
1
Time t (s)
103
10
102
104
10-1
1
10
102
103
104
without head sink
0.1
0.1
0.3
1
310
30
0.01
1
100
10
100
Area of safe operation (ASO)
0.03
0.3
3
30
Tc=25℃
Single pulse
Collector to Emitter Voltage VCE(V)
Icp
Ic
t=100ms
t=1s
t=10ms



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com