Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD2136 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 2SD2136
Description  POWER TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SD2136 Datasheet(HTML) 1 Page - Unisonic Technologies

  2SD2136 Datasheet HTML 1Page - Unisonic Technologies 2SD2136 Datasheet HTML 2Page - Unisonic Technologies 2SD2136 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UTC2SD2136
NPN EPITAXIAL SILICON TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO. LTD
1
QW-R204-011,A
POWER TRANSISTOR
DESCRIPTION
The UTC 2SD2136 is designed for power amplification
FEATURES
*High forward current transfer ratio hFE which has
satisfactory linearity.
*Low collector to emitter saturation voltage VCE(sat)
*Allowing supply with the radial taping.
TO-126
1
1: BASE 2:COLLECTOR 3: EMITTER
ABSOLUTE MAXIMUM RATINGS ( Ta=25°C )
PARAMETER
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
60
V
Collector-Emitter Voltage
VCEO
60
V
Emitter-Base Voltage
VEBO
6
V
Collector Current
Ic
3
A
Peak Collector Current
Icp
5
A
Collector Dssipation
Pc
1.5
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
-55 ~ +150
°C
ELECTRICAL CHARACTERISTICS (Ta=25°C,unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector-Emitter Voltage
VCEO
Ic=30mA ,IB=0
60
V
Collector Cut-off Current
ICEO
VCE=60V,IB=0
300
µA
Collector Cut-off Current
ICES
VCE=60V,VBE=0
200
µA
Emitter Cut-off Current
IEBO
VEB=6V,Ic=0
1
mA
hFE1*
VCE=4V,Ic=1A
40
250
DC Current Transfer Ratio
hFE2
VCE=4V,Ic=3A
10
Collector-Emitter Saturation Voltage
VCE(sat)
Ic=3A,IB=0.375A
1.2
V
Base-Emitter Voltage
VBE
VCE=4V,Ic=3A
1.8
V
Transition Frequency
fT
VCE=5V,IE= -0.1A,f=200MHz
220
MHz
Fall time
tf
0.4
µS
Turn on time
ton
0.5
µS
Storage Time
tstg
Ic=1A, IB1=0.1A, IB2= -0.1A
2.5
µS


Similar Part No. - 2SD2136

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SD2136 PANASONIC-2SD2136 Datasheet
86Kb / 3P
Silicon NPN triple diffusion planar type
2SD2136 PANASONIC-2SD2136 Datasheet
82Kb / 3P
Silicon PNP epitaxial planar type
logo
Unisonic Technologies
2SD2136 UTC-2SD2136 Datasheet
168Kb / 4P
POWER TRANSISTOR
2SD2136 UTC-2SD2136 Datasheet
169Kb / 4P
POWER TRANSISTOR
logo
SHENZHEN YONGERJIA INDU...
2SD2136 WINNERJOIN-2SD2136 Datasheet
126Kb / 1P
TRANSISTOR (NPN)
More results

Similar Description - 2SD2136

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJE1320 ONSEMI-MJE1320 Datasheet
281Kb / 8P
POWER TRANSISTOR
1995
logo
STMicroelectronics
TIP32C STMICROELECTRONICS-TIP32C_06 Datasheet
167Kb / 8P
Power transistor
15-Nov-2006
logo
Unisonic Technologies
2SB798 UTC-2SB798 Datasheet
118Kb / 3P
POWER TRANSISTOR
logo
Guangdong Kexin Industr...
2SA1797 KEXIN-2SA1797 Datasheet
36Kb / 1P
Power Transistor
2SD2114K KEXIN-2SD2114K Datasheet
36Kb / 1P
Power Transistor
2SB1260 KEXIN-2SB1260 Datasheet
51Kb / 1P
Power Transistor
2SD1898 KEXIN-2SD1898 Datasheet
51Kb / 1P
Power Transistor
logo
Rohm
2SD1763AE ROHM-2SD1763AE Datasheet
51Kb / 1P
Power Transistor
2SB1316TL ROHM-2SB1316TL Datasheet
78Kb / 3P
Power Transistor
logo
RFHIC
RT230PD RFHIC-RT230PD_14 Datasheet
445Kb / 32P
Power Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com