Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M65KA128AL Datasheet(PDF) 26 Page - STMicroelectronics

Part # M65KA128AL
Description  128Mbit (4 Banks x 2M x 16) 1.8V Supply, Low Power SDRAMs
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M65KA128AL Datasheet(HTML) 26 Page - STMicroelectronics

Back Button M65KA128AL Datasheet HTML 22Page - STMicroelectronics M65KA128AL Datasheet HTML 23Page - STMicroelectronics M65KA128AL Datasheet HTML 24Page - STMicroelectronics M65KA128AL Datasheet HTML 25Page - STMicroelectronics M65KA128AL Datasheet HTML 26Page - STMicroelectronics M65KA128AL Datasheet HTML 27Page - STMicroelectronics M65KA128AL Datasheet HTML 28Page - STMicroelectronics M65KA128AL Datasheet HTML 29Page - STMicroelectronics M65KA128AL Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 53 page
background image
DC and AC parameters
M65KA128AL
26/53
Table 13.
Synchronous AC Characteristics
Symbol
Parameter
Test Condition
Min
Max
Unit
tAC
Access Time From Clock
CAS Latency = 3
7
ns
CAS Latency = 2
9
ns
tAS
Address Setup Time
2
ns
tAH
Address Hold Time
1
ns
tCK
Clock Period
CAS Latency = 3
9.6
ns
CAS Latency = 2
15
ns
tCS
Command Setup Time
2
ns
tCH
Command Hold Time
1
ns
tCHW
Clock High Pulse Width
3
ns
tCLW
Clock Low Pulse Width
3
ns
tCKS
Clock Enable Setup Time
2
ns
tCKSP
Clock Enable Setup Time (Power-Down Exit)
2
ns
tCKH
Clock Enable Hold Time
1
ns
tDS
Data Input Setup Time
2
ns
tDH
Data Input Hold Time
1
ns
tOH
Data Output Hold Time
3
ns
tOLZ
Clock to Data Output Low-Z
0
ns
tOHZ
Clock to Data Output High-Z
CAS Latency = 3
3
7
ns
CAS Latency = 2
3
9
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com