Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M65KA128AL Datasheet(PDF) 51 Page - STMicroelectronics

Part # M65KA128AL
Description  128Mbit (4 Banks x 2M x 16) 1.8V Supply, Low Power SDRAMs
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M65KA128AL Datasheet(HTML) 51 Page - STMicroelectronics

Back Button M65KA128AL Datasheet HTML 45Page - STMicroelectronics M65KA128AL Datasheet HTML 46Page - STMicroelectronics M65KA128AL Datasheet HTML 47Page - STMicroelectronics M65KA128AL Datasheet HTML 48Page - STMicroelectronics M65KA128AL Datasheet HTML 49Page - STMicroelectronics M65KA128AL Datasheet HTML 50Page - STMicroelectronics M65KA128AL Datasheet HTML 51Page - STMicroelectronics M65KA128AL Datasheet HTML 52Page - STMicroelectronics M65KA128AL Datasheet HTML 53Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 51 / 53 page
background image
M65KA128AL
Part numbering
51/53
8
Part numbering
For a list of available options (Speed, Package, etc.) or for further information on any aspect
of this device, please contact the ST Sales Office nearest to you.
Table 15.
Ordering Information Scheme
Example:
M65KA128AL
10
W
5
Device Type
M65 = Low Power SDRAM
Delivery Form
K = Wafer Form
Operating Voltage, Mode, Bus Width
A = VDD = VDDQ = 1.8V, Standard LPSDRAM, x16
Array Organization
128 = 4 Banks x 2Mbit x 16
Option 1
A = One Chip Enable
Option 2
L = L Die
Speed Class
10 = 10ns
Package
W = Unsawn Wafer
Temperature Range
5 = –25 to 90°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com