Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M65KA128AL Datasheet(PDF) 27 Page - STMicroelectronics

Part # M65KA128AL
Description  128Mbit (4 Banks x 2M x 16) 1.8V Supply, Low Power SDRAMs
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M65KA128AL Datasheet(HTML) 27 Page - STMicroelectronics

Back Button M65KA128AL Datasheet HTML 23Page - STMicroelectronics M65KA128AL Datasheet HTML 24Page - STMicroelectronics M65KA128AL Datasheet HTML 25Page - STMicroelectronics M65KA128AL Datasheet HTML 26Page - STMicroelectronics M65KA128AL Datasheet HTML 27Page - STMicroelectronics M65KA128AL Datasheet HTML 28Page - STMicroelectronics M65KA128AL Datasheet HTML 29Page - STMicroelectronics M65KA128AL Datasheet HTML 30Page - STMicroelectronics M65KA128AL Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 53 page
background image
M65KA128AL
DC and AC parameters
27/53
Table 14.
Asynchronous AC Characteristics
Symbol
Parameter
M65KA128AL
Unit(1)
Min
Max
tDPL
Data Input Valid to Precharge Command
2
tCK
tDAL
Data Input Valid to Bank/Row Activate
Command
CAS Latency = 3
2CLK + 28.5
ns
CAS Latency = 2
2CLK + 30
ns
tDQZ
UDQM or LDQM High to Data Output Hi-Z
2
tCK
tDQM
UDQM or LDQM High to Data Input Masked
0
tCK
tMRD
Mode Register Set Cycle Time
2
tCK
tRC
RAS Cycle Time
86
ns
tRCD
Delay Time, RAS Active to CAS Active
28.5
ns
tRAS
RAS Active Time
57
120,000
ns
tRP
RAS Precharge Time
28.5
ns
tRRD
Delay Time, RAS Active to RAS Bank Active
2
tCK
tRC1
Auto Refresh Exit Time
105
ns
tRC2
(2)
Self Refresh Exit Time
105
ns
tREF
Refresh Time
64
ms
tτ
Transition Time
1
30
ns
tWTL
Delay Time, Write Command to Data Input
0
tCK
1.
The unit tCK is the system Clock cycle time.
2.
A new command can be issued tRC after the Self Refresh mode is exited.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com