Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2593 Datasheet(PDF) 9 Page - STMicroelectronics

Part # MIC2593
Description  Dual-Slot PCI Hot Plug Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MIC2593 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button MIC2593 Datasheet HTML 5Page - STMicroelectronics MIC2593 Datasheet HTML 6Page - STMicroelectronics MIC2593 Datasheet HTML 7Page - STMicroelectronics MIC2593 Datasheet HTML 8Page - STMicroelectronics MIC2593 Datasheet HTML 9Page - STMicroelectronics MIC2593 Datasheet HTML 10Page - STMicroelectronics MIC2593 Datasheet HTML 11Page - STMicroelectronics MIC2593 Datasheet HTML 12Page - STMicroelectronics MIC2593 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
April 2004
9
M9999-042204
MIC2593
Micrel
Electrical Characteristics (continued)(8)
Symbol
Parameter
Condition
Min
Typ
Max
Units
I
AUX(THRESH)
Auxiliary Output Current Limit Threshold Current which must be drawn from V
AUX
0.84
A
Figure 4
to register as a fault
I
SC(TRAN)
Maximum Transient Short Circuit Current
V
AUX Enabled, then Grounded
I
MAX = VSTBY / RDS(AUX)
A
ILIM(AUX)
Regulated Current after Transient
From end of ISC(TRAN) to CFILTER Time Out
0.375
0.7
1.35
A
Output Discharge Resistance
R
DIS(12V)
12VOUT[A/B]
12V
OUT[A/B] = 6.0V
1600
Ω
R
DIS(12MV)
12MVOUT[A/B]
12MV
OUT[A/B] = –6.0V
600
Ω
R
DIS(3V)
3VOUT[A/B]
3V
OUT[A/B] = 1.65V
150
Ω
R
DIS(5V)
5VOUT[A/B]
5V
OUT[A/B] = 2.5V
150
Ω
R
DIS(VAUX)
VAUX[A/B]
V
AUX[A/B] = 1.65V
430
Ω
t
OFF(3V)
Current Limit Response Time
MIC2593-2
1
µs
tOFF(5V)
for 3.3V and 5V Outputs, Figure 2
C
GATE = 10nF,
V
IN – VSENSE = 200mV
t
SC(TRAN)
V
AUX Current Limiter Response Time,
V
AUX[A/B] = 0V
(9)
33
µs
Figure 5
t
OFF(12V)
12V Current Limit Response,
12V
OUT[A/B] = 0V
(9)
1
µs
Figure 3
t
OFF(12MV)
–12V Current Limit Response,
12MV
OUT[A/B] = 0V
(9)
1
µs
Figure 3
t
PROP(3VFAULT)
Delay from 3V[A/B] Overcurrent Limit MIC2593-2
1
µs
to FAULT Output
V
SENSE – VTHLIMIT = 200mV
C
FILTER = 0
t
PROP(5VFAULT)
Delay from 5V[A/B] Overcurrent Limit MIC2593-2
1
µs
to FAULT Output
V
SENSE – VTHLIMIT = 200mV
C
FILTER = 0
t
W
ON[A/B], AUXEN[A/B] Pulse Width
Note 9
100
ns
t
POR
MIC2593 Power-On Reset Time
Note 9
500
µs
after V
STBY becomes valid
SMBus Timing(9)
t
1
SCL (Clock) Period
Figure 1
2.5
µs
t
2
Data In Set-Up Time to SCL HIGH
Figure 1
100
ns
t
3
Data Out Stable After SCL LOW
Figure 1
300
ns
t
4
Data LOW Set-Up Time to
Start Condition, Figure 1
100
ns
SCL LOW
t
5
Data HIGH Hold Time After
Stop Condition, Figure 1
100
ns
SCL HIGH
Notes:
8.
Specification for packaged product only.
9.
Parameters guaranteed by design. Not 100% production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com