Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2593 Datasheet(PDF) 21 Page - STMicroelectronics

Part # MIC2593
Description  Dual-Slot PCI Hot Plug Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MIC2593 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button MIC2593 Datasheet HTML 17Page - STMicroelectronics MIC2593 Datasheet HTML 18Page - STMicroelectronics MIC2593 Datasheet HTML 19Page - STMicroelectronics MIC2593 Datasheet HTML 20Page - STMicroelectronics MIC2593 Datasheet HTML 21Page - STMicroelectronics MIC2593 Datasheet HTML 22Page - STMicroelectronics MIC2593 Datasheet HTML 23Page - STMicroelectronics MIC2593 Datasheet HTML 24Page - STMicroelectronics MIC2593 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
April 2004
21
M9999-042204
MIC2593
Micrel
Application Information
Current Sensing
For the three power supplies switched with internal MOS-
FETs (+12V, –12V, and V
AUX), the MIC2593 provides all
necessary current sensing functions to protect the IC, the
load, and the power supply. For the remaining four supplies
which the part is designed to control, the high currents at
which these supplies typically operate make sensing the
current inside the MIC2593 impractical. Therefore, each of
these supplies, 3V[A/B] and 5V[A/B], requires an external
current sensing resistor. The V
IN connection to the IC from
each supply (e.g., 5VINA) is connected to the positive termi-
nal of the slot’s current sense amplifier, and the correspond-
ing SENSE input (in this case, 5VSENSEA) is connected to
the negative terminal of the current sense amplifier.
Sense Resistor Selection
The MIC2593 uses low-value sense resistors to measure the
current flowing through the MOSFET switches to the loads.
These sense resistors are nominally valued at
50mV/I
LOAD(CONT). To accommodate worst-case tolerances
for the sense resistor (allow
±3% over time and temperature
for a resistor with
±1% initial tolerance) and still supply the
maximum required steady-state load current, a slightly more
detailed calculation must be used.
The current limit threshold voltage (i.e., the “trip point”) for the
MIC2593 may be as low as 35mV, which would equate to a
sense resistor value of 35mV/I
LOAD(CONT). Carrying the
numbers through for the case where the value of the sense
resistor is 3% high yields this:
R
35mV
103 I
34mV
I
SENSE
LOAD CONT
LOAD CONT
= ( )(
)
=
.
()
()
Once the value of R
SENSE has been chosen in this manner,
it is good practice to check the maximum I
LOAD(CONT) which
the circuit may let through in the case of tolerance build-up in
the opposite direction. Here, the worst-case maximum cur-
rent is found using a 65mV trip voltage and a sense resistor
which is 3% low in value. The resulting current is:
I
65mV
(0.97)(R
)
67mV
R
LOAD(CONT, MAX)
SENSE(NOM)
SENSE(NOM)
==
As an example, if an output must carry a continuous 4.5A
without nuisance trips occurring, R
SENSE for that output
should be 34m
Ω/4.5A = 7.55mΩ. The nearest standard value
is 7.5m
Ω, so a 7.5mΩ ±1% resistor would be a good choice.
At the other set of tolerance extremes for the output in
question, I
LOAD(CONT,max) = 67mV/7.5mΩ = 8.93A. Knowing
this final datum, we can determine the necessary wattage of
the sense resistor, using P = I2R, where I is ILOAD(CONT, MAX),
and R is (0.97)(RSENSE(NOM)). These numbers yield the
following:
P
MAX = (8.93A)
2(7.28m
Ω) = 0.581W
A 1W sense resistor would work well in this application.
Kelvin Sensing
Because of the low values of the sense resistors, special
attention to the layout must be used in order for the MIC2593's
circuit breaker function to operate properly. Specifically, the
use of a 4-wire Kelvin connection to measure the voltage
across R
SENSE is highly recommended. Kelvin sensing is
simply a means of making sure that any voltage drops in the
power traces connecting to the resistors does not get picked
up by the traces themselves. The Kelvin connections should
be isolated from all other signal traces to avoid introducing
noise onto these sensitive nodes. Additionally, a high-fre-
quency noise filter across the sense inputs is highly recom-
mended to avoid nuisance tripping of the (overcurrent) circuit
breaker on the opposite slot to the slot that incurred an
overcurrent event. Due to the variation of each system's
susceptibility to noise, the exact value of this filter is experi-
mentally determined. A value between 10pF to 100pF is a
good starting point.
Figure 12 illustrates how Kelvin sensing is performed. All the
high current in the circuit (from the 5V supply through R
SENSE
and then to the drain of the 5V (Slot A) output MOSFET) flows
directly through the power PCB traces and R
SENSE. The
voltage drop resulting across R
SENSE is sampled in such a
way that the high currents through the power traces will not
introduce any extraneous IR drops.
RSENSE
Power Trace
From 5VIN
Power Trace
To MOSFET Drain
Signal Trace
to MIC2593 VIN
Signal Trace
to MIC2593 VSENSE
MIC2593
22pF
Figure 12. Kelvin Sense Connections for R
SENSE
(Applicable to 5V[A/B] and 3V[A/B])
MOSFET Selection
Selecting the proper MOSFET for use as a current pass and
switching element for each of the 3V and 5V slots of the
MIC2593 primarily involves three straightforward tasks:
1.
Choice of a MOSFET which meets the minimum voltage
requirements.
2.
Selection of a device to handle the maximum continuous
current (steady-state thermal issues).
3.
Verification that the selected part can withstand any
current peaks (transient thermal issues).
MOSFET Voltage Requirements
The first voltage requirement for each MOSFET is easily
stated: the drain-source breakdown voltage of the MOSFET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com