Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2593 Datasheet(PDF) 5 Page - STMicroelectronics

Part # MIC2593
Description  Dual-Slot PCI Hot Plug Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MIC2593 Datasheet(HTML) 5 Page - STMicroelectronics

  MIC2593 Datasheet HTML 1Page - STMicroelectronics MIC2593 Datasheet HTML 2Page - STMicroelectronics MIC2593 Datasheet HTML 3Page - STMicroelectronics MIC2593 Datasheet HTML 4Page - STMicroelectronics MIC2593 Datasheet HTML 5Page - STMicroelectronics MIC2593 Datasheet HTML 6Page - STMicroelectronics MIC2593 Datasheet HTML 7Page - STMicroelectronics MIC2593 Datasheet HTML 8Page - STMicroelectronics MIC2593 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
April 2004
5
M9999-042204
MIC2593
Micrel
Pin Description (cont)
Pin Number
Pin Name
Pin Function
13
3VSENSEA
3V Circuit Breaker Sense Input [A/B]: The current limit thresholds are set by
24
3VSENSEB
connecting sense resistors between these pins and 3VIN[A/B]. When the
current limit threshold of IR = 50mV is reached, the 3VGATE[A/B] pin is
modulated to maintain a constant voltage across the sense resistor and
therefore a constant current into the load. If the 50mV threshold is exceeded
for t
FLT (see CFILTER[A/B] pin description), the circuit breaker is tripped
and the GATE pin for the affected supply’s external MOSFET is immediately
pulled low.
16
3VOUTA
3.3V Power-Good Sense Inputs: Connect to 3.3V[A/B] outputs. Used to
21
3VOUTB
monitor the 3.3V output voltages for Power-is-Good status.
14
3VGATEA
3V Gate Drive Output [A/B]: Each pin connects to the gate of an external
23
3VGATEB
N-channel MOSFET. During power-up, the C
GATE and the CGS of the
MOSFETs are connected to a 25
µA current source. This controls the value
of dv/dt seen at the source of the MOSFETs, and hence the current flowing
into the load capacitance.
During current limit events, the voltage at this pin is adjusted to maintain
constant current through the switch for a period of t
FLT. Whenever an
overcurrent, thermal shutdown, or input undervoltage fault condition occurs,
the GATE pin for the affected slot is immediately brought low. During power
down, these pins are discharged by an internal current source.
11
VSTBYA
3.3V Standby Input Voltage: Required to support PCI VAUX output.
26
VSTBYB
Additionally, the SMBus logic and internal registers run off of VSTBY[A/B]
to ensure that the MIC2593 is accessible during standby modes. A UVLO
circuit prevents turn-on of this supply until VSTBY[A/B] rises above its UVLO
threshold. Both pins must be connected together externally at the IC.
15
VAUXA
3.3VAUX[A/B] Output to PCI Card Slot: These outputs connect
22
VAUXB
the 3.3AUX pin of the PCI connectors to VSTBY[A/B] via internal
400m
Ω MOSFETs. These outputs are current limited and protected against
short-circuit faults.
44
ONA
Enable Inputs: Rising-edge triggered. Used to enable or disable the MAINA
43
ONB
and MAINB (5V, 3.3V, +12V and –12V) outputs. Taking ON[A/B] low after a
fault resets the 5V, 3.3V, +12V and/or –12V fault latches for the affected slot.
Tie these pins to GND if using SMI power control. Also, see pin description
for /FAULTA and /FAULTB.
45
AUXENA
Enable Inputs: Rising-edge triggered. Used to enable or disable VAUXA and
42
AUXENB
VAUXB outputs. Taking AUXEN[A/B] low after a fault resets the respective
slot’s Aux Output Fault Latch. Tie these pins to GND if using SMI power
control. Also, see pin description for /FAULTA and /FAULTB.
2
CFILTERA
Overcurrent Timer (Filter) Capacitor [A/B]: Capacitors connected between
35
CFILTERB
these pins and GND set the duration of t
FLT. tFLT is the amount of time for
which a slot remains in current limit before its circuit breaker is tripped.
1
/FAULTA
/FAULT[A/B] Outputs: Open-drain, active-low. Asserted whenever the
36
/FAULTB
circuit breaker trips due to a fault condition (overcurrent, input undervoltage,
overtemperature). Each pin requires an external pull-up resistor to VSTBY.
Bringing the slot’s ON[A/B] pin low resets /FAULT[A/B] if /FAULT[A/B]
was asserted in response to a fault condition on one of the slot’s MAIN
outputs (5V, 3.3V, +12V, or –12V).
/FAULT[A/B] is reset by bringing the slot’s AUXEN[A/B] pin low if
/FAULT[A/B] was asserted in response to a fault condition on the slot’s V
AUX
output. If a fault condition occurred on both the MAIN and VAUX[A/B]
outputs of the same slot, then both ON[A/B] and AUXEN[A/B] must be
brought low to de-assert the /FAULT[A/B] output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com