Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1437708 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1437708
Description  SACCBP-FSD-4CON-PG9/2,0-931SCO - Device connector, rear mounting
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1437708 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1437708 Datasheet HTML 1Page - PHOENIX CONTACT 1437708 Datasheet HTML 2Page - PHOENIX CONTACT 1437708 Datasheet HTML 3Page - PHOENIX CONTACT 1437708 Datasheet HTML 4Page - PHOENIX CONTACT 1437708 Datasheet HTML 5Page - PHOENIX CONTACT 1437708 Datasheet HTML 6Page - PHOENIX CONTACT 1437708 Datasheet HTML 7Page - PHOENIX CONTACT 1437708 Datasheet HTML 8Page - PHOENIX CONTACT 1437708 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
• Ensure that the protective or functional ground has been
properly connected.
• VDE 0100/1.97 § 411.1.3.2 and DIN EN 60 204/11.98 § 14.1.3
are applicable when combining several circuits in a cable and/or
connector
• The connector warms up in normal operation. Depending on the
ambient conditions, the surface of the connector can continue to
warm up. In this case, the user is responsible for posting
warnings (e.g. DIN EN ISO 13732-1:2008-12).
Mounting
Mounting type
Rear mounting
Connection method
Cable connection
Product properties
Product type
Circular connectors (device side)
Sensor type
Ethernet
Number of positions
4
No. of cable outlets
1
Coding
D
Thread type
M12
Insulation characteristics
Overvoltage category
II
Degree of pollution
3
Material specifications
Flammability rating according to UL 94
V0
Seal material
NBR
Contact material
CuZn
Contact surface material
Ni/Au
Contact carrier material
PA 6.6
Material for screw connection
Brass, nickel-plated
Electrical properties
48 V AC
Nominal voltage UN
60 V DC
Nominal current IN
1.5 A (Plug/socket in accordance with IEC 61076-2-101, cable
technical data is to be observed)
Transmission medium
Copper
Transmission characteristics (category)
CAT5 (IEC 11801:2002)
Connection data
Conductor connection
Connection method
Cable connection
SACCBP-FSD-4CON-PG9/2,0-931SCO - Device
connector, rear mounting
1437708
https://www.phoenixcontact.com/us/products/1437708
Oct 10, 2023, 5:56 AM
Page 3 (12)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com