Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1437708 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 1437708
Description  SACCBP-FSD-4CON-PG9/2,0-931SCO - Device connector, rear mounting
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1437708 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  1437708 Datasheet HTML 1Page - PHOENIX CONTACT 1437708 Datasheet HTML 2Page - PHOENIX CONTACT 1437708 Datasheet HTML 3Page - PHOENIX CONTACT 1437708 Datasheet HTML 4Page - PHOENIX CONTACT 1437708 Datasheet HTML 5Page - PHOENIX CONTACT 1437708 Datasheet HTML 6Page - PHOENIX CONTACT 1437708 Datasheet HTML 7Page - PHOENIX CONTACT 1437708 Datasheet HTML 8Page - PHOENIX CONTACT 1437708 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Contact connection type
Socket
Connector
Connection 1
Head design
Socket
Head cable outlet
straight
Head thread type
M12
Head locking type
SPEEDCON
Coding
D
Connection 2
Head design
free cable end
Cable/line
Cable length
2 m
Ethernet flexible CAT5, 2-pair [93E]
Dimensional drawing
Cable weight
42 kg/km
UL AWM Style
20963 (80°C/30 V)
Wiring standards/regulations
Electrical requirements EN 50288-2-2
Number of positions
4
Shielded
yes
Cable type
Ethernet flexible CAT5, 2-pair [93E]
Conductor structure
2x2xAWG26/7, SF/UTP
Signal runtime
5.3 ns/m
Conductor structure signal line
7x 0.16 mm
AWG signal line
26
Conductor cross section
2x 2x 0.14 mm²
Wire diameter incl. insulation
0.98 mm
External cable diameter
6.4 mm ±0.2 mm
Outer sheath, material
PUR
External sheath, color
water blue RAL 5021
Conductor material
Bare Cu litz wires
Material wire insulation
Foamed PE
Single wire, color
white/orange-orange, white/green-green
SACCBP-FSD-4CON-PG9/2,0-931SCO - Device
connector, rear mounting
1437708
https://www.phoenixcontact.com/us/products/1437708
Oct 10, 2023, 5:56 AM
Page 4 (12)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com