Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1437708 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1437708
Description  SACCBP-FSD-4CON-PG9/2,0-931SCO - Device connector, rear mounting
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1437708 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1437708 Datasheet HTML 1Page - PHOENIX CONTACT 1437708 Datasheet HTML 2Page - PHOENIX CONTACT 1437708 Datasheet HTML 3Page - PHOENIX CONTACT 1437708 Datasheet HTML 4Page - PHOENIX CONTACT 1437708 Datasheet HTML 5Page - PHOENIX CONTACT 1437708 Datasheet HTML 6Page - PHOENIX CONTACT 1437708 Datasheet HTML 7Page - PHOENIX CONTACT 1437708 Datasheet HTML 8Page - PHOENIX CONTACT 1437708 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Device connector, rear mounting, Ethernet CAT5 (100 Mbps), Ethernet, 4-position, Socket,
straight, M12-SPEEDCON, coding: D, on free cable end, Rear mounting, Cable connection,
cable length: 2 m, Alternative product in accordance with RoHS II without Exemption 6c (Pb <0.
1%) item no.: 1239675
Commercial data
Item number
1437708
Packing unit
1 pc
Minimum order quantity
1 pc
Sales key
AB25
Product key
ABQDGJ
GTIN
4046356458443
Weight per piece (including packing)
106.3 g
Weight per piece (excluding packing)
106 g
Customs tariff number
85444290
Country of origin
DE
SACCBP-FSD-4CON-PG9/2,0-931SCO - Device
connector, rear mounting
1437708
https://www.phoenixcontact.com/us/products/1437708
Oct 10, 2023, 5:56 AM
Page 1 (12)


Similar Part No. - 1437708

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
1437723 TEC-1437723 Datasheet
209Kb / 5P
CIRCULAR PLASTIC CONNECTOR TIO SERIES PLUGS, RECEPTACLES . ACCESSORIES
logo
PHOENIX CONTACT
1437737 PHOENIX-1437737 Datasheet
507Kb / 14P
SACCBP-MSD-4CON-PG9/1,0-931SCO - Device connector, rear mounting
1437779 PHOENIX-1437779 Datasheet
123Kb / 5P
Bus system flush-type socket - SACCBP-FSD-4CONPG9/ 1,0-933SCO - 1437779
08/06/2016
1437782 PHOENIX-1437782 Datasheet
123Kb / 5P
Bus system flush-type socket - SACCBP-FSD-4CONPG9/ 2,0-933SCO - 1437782
08/06/2016
More results

Similar Description - 1437708

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1551529 PHOENIX-1551529 Datasheet
1Mb / 13P
Device connector, rear mounting - SACC-DSI-FSD- 4CON-PG9/0,5 SCO
Jan 11, 2023
1419315 PHOENIX-1419315 Datasheet
607Kb / 16P
SACCBP-FS-4CON-M16/2,0-PUR SCO - Device connector, rear mounting
1551574 PHOENIX-1551574 Datasheet
433Kb / 12P
SACCBP-M12MSD-4CON-M16/1,0-931 - Device connector, rear mounting
1552366 PHOENIX-1552366 Datasheet
374Kb / 11P
SACCBP-M12MSD-4CON-M16/2,0-933 - Device connector, rear mounting
1437575 PHOENIX-1437575 Datasheet
567Kb / 13P
SACCBP-MS-5CON-PG9/1,0-920SCO - Device connector, rear mounting
1437630 PHOENIX-1437630 Datasheet
1Mb / 13P
SACCBP-FSB-5CON-PG9/5,0-900SCO - Device connector, rear mounting
1552353 PHOENIX-1552353 Datasheet
368Kb / 11P
SACCBP-M12MSD-4CON-M16/1,0-933 - Device connector, rear mounting
1239664 PHOENIX-1239664 Datasheet
473Kb / 13P
SACCBP-MS-5CON-PG9/2,0-920SCOX - Device connector, rear mounting
1437614 PHOENIX-1437614 Datasheet
1Mb / 13P
SACCBP-FSB-5CON-PG9/1,0-900SCO - Device connector, rear mounting
1437737 PHOENIX-1437737 Datasheet
507Kb / 14P
SACCBP-MSD-4CON-PG9/1,0-931SCO - Device connector, rear mounting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com