Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTC143E-AL3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # DTC143E-AL3-R
Description  NPN DIGITAL TRANSISTOR (BUILT-IN RESISTORS)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

DTC143E-AL3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  DTC143E-AL3-R Datasheet HTML 1Page - Unisonic Technologies DTC143E-AL3-R Datasheet HTML 2Page - Unisonic Technologies DTC143E-AL3-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DTC143E
NPN EPITAXIAL SILICON TRANSISTOR
TYPICAL CHARACTERICS
100
50
20
10
5
2
1
2m
5m
10m
20m
50m 100m
1m
Vo=0.3V
Ta=-40℃
25℃
100℃
100μ
Fig.1 Input voltage vs.output current
(ON characterristics)
Output Current :Io (A)
500m
200m
100m
200μ
500μ
3.0
10m
5m
1m
500μ
200μ
100μ
50μ
20μ
10μ
0.5
-1.0
1.5
2.0
2.5
Fig.2 Output current vs Input voltage
(OFF characterristics)
Vcc=5V
25℃
-40℃
Ta=100℃
0
2m
INPUT VOLTAGE: Vi(off) (V)
1K
500
200
100
50
20
10
2m
5m
10m 20m
50m 100m
1m
Vo=5V
100μ
5
2
1
200μ
500μ
Fig.3 DC current gain vs.output current
Output Current :Io(A)
Ta=100℃
25℃
-40℃
Output Current :Io (A)
Fig.4 Output voltage vs. output current
1
500m
200m
100m
50m
20m
10m
2m
5m
10m
20m
50m 100m
1m
100μ
5m
2m
1m
200μ
500μ
Ta=100℃
25℃
-40℃
Io/II=20
U T C assum es no responsibility for equipm ent failures that result from using products at v alues that
ex ceed, ev en m om entarily, rated v alues (such as m ax im um ratings, operating condition ranges, or
other param eters) listed in products specifications of any and all U T C products described or contained
herein. U T C products are not designed for use in life support appliances, dev ices or system s where
m alfunction of these products can be reasonably ex pected to result in personal injury. R eproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. T he inform ation
presented in this docum ent does not form part of any quotation or contract, is believ ed to be accurate
and reliable and m ay be changed without notice.
UNISONIC TECHNOLOGIES CO., LTD
3
www.unisonic.com.tw
QW-R220-015.A



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com