Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GA100JT12 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # GA100JT12
Description  isc N-Channel Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

GA100JT12 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  GA100JT12 Datasheet HTML 1Page - Inchange Semiconductor Company Limited GA100JT12 Datasheet HTML 2Page - Inchange Semiconductor Company Limited GA100JT12 Datasheet HTML 3Page - Inchange Semiconductor Company Limited GA100JT12 Datasheet HTML 4Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
isc N-Channel Transistor
GA100JT12
www.iscsemi.com
2023-9-26
2
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
0.28
℃
/W
ELECTRICAL CHARACTERISTICS (TC=25℃)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
RDS(on)
Drain-Source On-Resistance
ID= 100A;Tc=25℃
--
10
--
mΩ
RDS(on)
Drain-Source On-Resistance
ID= 100A;Tc=150℃
--
18
--
mΩ
RDS(on)
Drain-Source On-Resistance
ID= 100A;Tc=175℃
--
21
--
mΩ
VGE(sat)
Gate – Source Saturation Voltage
ID= 100A;ID/IG=40A;
Tc=25℃
--
3.42
--
V
VGE(sat)
Gate – Source Saturation Voltage
ID= 100A;ID/IG=30A;
Tc=175℃
--
3.23
--
V
hFE
DC Current Gain
VDS= 8V
ID= 100A;Tc=25℃
--
100
105
hFE
DC Current Gain
VDS= 8V
ID= 100A;Tc=125℃
--
65
--
hFE
DC Current Gain
VDS= 8V
ID= 100A;Tc=175℃
--
58
--
ISG
Gate-Body Leakage Current
VGS= 20V;VDS= 0
--
40
--
nA
IDSS
Zero Gate Voltage Drain Current
VDS= 1200V; VGS= 0
Tc=25℃
--
50
--
uA
IDSS
Zero Gate Voltage Drain Current
VDS= 1200V; VGS= 0
Tc=150℃
--
100
--
uA
IDSS
Zero Gate Voltage Drain Current
VDS= 1200V; VGS= 0
Tc=175℃
--
100
--
uA
Ciss
Input Capacitance
VGS = 0V,
VDS =800V,
f = 1.0MHz
--
14.3
--
nF
Coss
Output Capacitance
--
250
--
pF
Crss
Reverse Transfer Capacitance
--
250
--
nF
EOSS
Output Capacitance Stored Energy
--
85
--
uJ
Qgs
Gate-Source Charge
VGS =-5----3V,
--
120
--
nC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com