Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GA100JT12 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # GA100JT12
Description  isc N-Channel Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

GA100JT12 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  GA100JT12 Datasheet HTML 1Page - Inchange Semiconductor Company Limited GA100JT12 Datasheet HTML 2Page - Inchange Semiconductor Company Limited GA100JT12 Datasheet HTML 3Page - Inchange Semiconductor Company Limited GA100JT12 Datasheet HTML 4Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
isc N-Channel Transistor
GA100JT12
www.iscsemi.com
2023-9-26
1
DESCRIPTION
·
Optional Gate Return Pin
·
Exceptional Safe Operating Area
·
Excellent Gain Linearity
·
Positive Temperature Coefficient of RDS,ON
APPLICATIONS
·
DC-DC converters
·
Pulse Generators
·
DC Choppers
ABSOLUTE MAXIMUM RATINGS(TC=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VDSS
Drain-Source Voltage (VGS=0)
1200
V
VSD
Diode Forward On-Voltage
25
V
VSG
Reverse Gate Source Voltage
30
V
ID
Drain Current-continuous@ TC=25℃
160
A
ID
Drain Current-continuous@ TC=115℃
100
A
IG
Continuous Gate Current
7
A
IGR
Continuous Gate Return Current
7
A
IDM
Pulse Drain Current
264
A
PD
Total Dissipation@TC=25℃
535
W
PD
Total Dissipation@TC=115℃
214
W
TJ
Max. Operating Junction Temperature
175
℃
Tstg
Storage Temperature Range
-55~175
℃


Similar Part No. - GA100JT12

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
GA100JT12-227 GENESIC-GA100JT12-227_15 Datasheet
1Mb / 12P
OFF Silicon Carbide Junction Transistor
logo
Inchange Semiconductor ...
GA100JT12-ISCFM8004 ISC-GA100JT12-ISCFM8004 Datasheet
365Kb / 5P
SiC MOSFET Power Module
2023-9-26
More results

Similar Description - GA100JT12

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
ISCB18101 ISC-ISCB18101 Datasheet
320Kb / 2P
isc N-Channel MOSFET Transistor
ISCD18130 ISC-ISCD18130 Datasheet
335Kb / 2P
isc N-Channel MOSFET Transistor
ISCF18118 ISC-ISCF18118 Datasheet
330Kb / 2P
isc N-Channel MOSFET Transistor
ISCN18117 ISC-ISCN18117 Datasheet
319Kb / 2P
isc N-Channel MOSFET Transistor
AOB2140L ISC-AOB2140L Datasheet
319Kb / 2P
isc N-Channel MOSFET Transistor
ISCN1894 ISC-ISCN1894 Datasheet
325Kb / 2P
isc N-Channel MOSFET Transistor
IPA60R199CP ISC-IPA60R199CP Datasheet
333Kb / 2P
isc N-Channel MOSFET Transistor
IPA90R500C3 ISC-IPA90R500C3 Datasheet
330Kb / 2P
isc N-Channel MOSFET Transistor
STD7N80K5 ISC-STD7N80K5 Datasheet
335Kb / 2P
isc N-Channel MOSFET Transistor
2SK2543 ISC-2SK2543 Datasheet
338Kb / 2P
isc N-Channel MOSFET Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com