Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GA100JT12 Datasheet(PDF) 3 Page - Inchange Semiconductor Company Limited

Part # GA100JT12
Description  isc N-Channel Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

GA100JT12 Datasheet(HTML) 3 Page - Inchange Semiconductor Company Limited

  GA100JT12 Datasheet HTML 1Page - Inchange Semiconductor Company Limited GA100JT12 Datasheet HTML 2Page - Inchange Semiconductor Company Limited GA100JT12 Datasheet HTML 3Page - Inchange Semiconductor Company Limited GA100JT12 Datasheet HTML 4Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
isc N-Channel Transistor
GA100JT12
www.iscsemi.com
2023-9-26
3
Qgd
Gate-Drain Charge
VGS = 0V,
VDS =800V,
--
350
--
Qg
Gate Charge - Total
--
470
--
RG(INT-ON)
Internal Gate Resistance – ON
VGS > 2.5 V,
VDS = 0 V, Tj = 175 ºC
--
0.1
--
Ω
td(on)
Turn-on Delay Time
VDS =800V,
ID = 100A,
Tj = 25 ºC
--
12
--
ns
tr
Turn-on Rise Time
--
40
--
td(off)
Turn-off Delay Time
--
37
--
tf
Turn-off Fall Time
--
25
--
td(on)
Turn-on Delay Time
VDS =800V,
ID = 100A,
Tj = 175 ºC
--
10
--
ns
tr
Turn-on Rise Time
--
40
--
td(off)
Turn-off Delay Time
--
45
--
tf
Turn-off Fall Time
--
20
--
Eon
Turn-On Energy Per Pulse
VDS =800V,
ID = 100A,
Tj = 25 ºC
--
1.8
--
mJ
Eoff
Turn-Off Energy Per Pulse
--
1.4
--
Etot
Total Switching Energy
--
3.2
--
Eon
Turn-On Energy Per Pulse
VDS =800V,
ID = 100A,
Tj =175 ºC
--
1.85
--
mJ
Eoff
Turn-Off Energy Per Pulse
--
1.3
--
Etot
Total Switching Energy
--
3.15
--



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com