Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC34072-S08-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # MC34072-S08-R
Description  HIGH SLEW RATE, WIDE BANDWIDTH , SINGLE SUPPLY OPERATIONAL AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MC34072-S08-R Datasheet(HTML) 3 Page - Unisonic Technologies

  MC34072-S08-R Datasheet HTML 1Page - Unisonic Technologies MC34072-S08-R Datasheet HTML 2Page - Unisonic Technologies MC34072-S08-R Datasheet HTML 3Page - Unisonic Technologies MC34072-S08-R Datasheet HTML 4Page - Unisonic Technologies MC34072-S08-R Datasheet HTML 5Page - Unisonic Technologies MC34072-S08-R Datasheet HTML 6Page - Unisonic Technologies MC34072-S08-R Datasheet HTML 7Page - Unisonic Technologies MC34072-S08-R Datasheet HTML 8Page - Unisonic Technologies MC34072-S08-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
MC34072
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 11
www.unisonic.com.tw
QW-R105-007,C
ABSOLUTE MAXIMUM RATINGS (Ta = 25℃)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage (from VEE to VCC)
Vs
+44
V
Differential Input Voltage
VI(DIFF)
Note 1
V
Input Voltage
VIN
Note 1
V
Output Short Circuit Duration (Note 2)
tSC
Indefinite
sec
Junction Temperature
TJ
+125
°C
Operating Temperature
TOPR
-20 ~ +85
°C
Storage Temperature Range
TSTG
-40~ +150
°C
Note 1.Either or both input voltages should not exceed the magnitude of VCC or VEE.
2.Power dissipation must be considered to ensure maximum junction temperature (TJ) is not exceeded. (see
Fig. 1)
3.Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
4.The device is guaranteed to meet performance specification within 0℃~+70℃ operating temperature range
and assured by design from -20℃~+85℃.
ELECTRICAL CHARACTERISTICS
(VCC=+15V, VEE=-15V, RL=connected to ground, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
VCC=+15V,VEE=-15V,Ta=+25°C
0.5
3.0
mV
VCC=+5V,VEE=0V, Ta=+25°C
0.5
3.0
mV
Input Offset Voltage
VI(OFF)
RS=100Ω,
VCM=0V,
VOUT=0V
VCC=+15V,VEE=-15V,Ta=0°C to 70°C
5.0
mV
Average
Temperature
Coefficient
of
Input
Offset
Voltage
∆VIO/∆T
RS=10Ω,VCM=0V, VOUT =0V,
Ta=0
°C to 70°C
10
µV/°C
Ta=+25
°C
100
500
nA
Input Bias Current
II(BIAS)
VCM=0V, VOUT =0V
Ta=0
°C to 70°C
700
nA
Ta=+25
°C
6.0
50
nA
Input Offset Current
II(OFF)
VCM=0V, VOUT =0V
Ta=0
°C to 70°C
300
nA
Ta=+25
°C
VEE to (VCC –1.8)
V
Input Common Mode Voltage
VICR
Ta=0
°C to 70°C
VEE to (VCC –2.2)
V
Ta=+25
°C
50
100
V/mV
Large Signal Voltage Gain
GV
VOUT =±10V, RL=2.0kΩ
Ta=0
°C to 70°C
25
VCC=+5.0V,VEE=0V,RL=2.0kΩ, Ta=+25°C
3.7
4.0
V
VCC=+15.0V,VEE=-15V,
RL=10kΩ, Ta=+25°C
13.6
14
V
Output Voltage Swing
(VID=+-1.0V)
VOH
VCC=+15.0V,VEE=-15V,
RL=2.0kΩ, Ta=0°C to 70°C
13.4
V
VCC=+5.0V,VEE=0V,RL=2.0kΩ, Ta=+25°C
0.1
0.3
V
VCC=+15.0V,VEE=-15V,
RL=10kΩ,TA=+25°C
-14.7 -14.3
V
Output Voltage Swing
(VID=+-1.0V)
VOL
VCC=+15.0V,VEE=-15V,
RL=2.0kΩ, TA=0°C to 70°C
-13.5
V
Source
10
30
mA
Output Short Circuit current
ISC
VI(DIFF)=1.0V,VOUT=0V, Ta=25°C
Sink
20
30
Common Mode Rejection
CMR
RS<=10kΩ,VCM=VICR, Ta=25°C
80
97
dB
Power
Supply
Rejection
(RS=100Ω)
SVR
VCC/VEE=+16.5V/-16.5V to +13.5/-13.5V,
Ta=25
°C
80
97
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com