Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC34072-S08-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # MC34072-S08-R
Description  HIGH SLEW RATE, WIDE BANDWIDTH , SINGLE SUPPLY OPERATIONAL AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MC34072-S08-R Datasheet(HTML) 5 Page - Unisonic Technologies

  MC34072-S08-R Datasheet HTML 1Page - Unisonic Technologies MC34072-S08-R Datasheet HTML 2Page - Unisonic Technologies MC34072-S08-R Datasheet HTML 3Page - Unisonic Technologies MC34072-S08-R Datasheet HTML 4Page - Unisonic Technologies MC34072-S08-R Datasheet HTML 5Page - Unisonic Technologies MC34072-S08-R Datasheet HTML 6Page - Unisonic Technologies MC34072-S08-R Datasheet HTML 7Page - Unisonic Technologies MC34072-S08-R Datasheet HTML 8Page - Unisonic Technologies MC34072-S08-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
MC34072
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 11
www.unisonic.com.tw
QW-R105-007,C
REPRESENTATIVE SCHEMATIC DIAGRAM
Q5
Q6
Q 7
Q4
Q3
Q1
Q2
Q8
R1
C1
R2
Q9
Q10
Q11
Bias
D2
C2
Q17
R6
R7
Q18
D3
R8
Q19
Q12
D1
R3
R4
Q13
Q14
R5
Q15
Q16
V CC
Output
Current Limit
VEE/GND
Base
Current
Cancellation
-
+
Input
FIG.1
POWER SUPPLY CONFIGURATIONS
1
VCC
2
3
4
VCC
VEE
VEE
VCC + |VEE| ≤44V
Split Supplies
1
2
3
4
VCC
VEE
3.0V ~ 44V
Single Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com