Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC34072-S08-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # MC34072-S08-R
Description  HIGH SLEW RATE, WIDE BANDWIDTH , SINGLE SUPPLY OPERATIONAL AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MC34072-S08-R Datasheet(HTML) 6 Page - Unisonic Technologies

Back Button MC34072-S08-R Datasheet HTML 2Page - Unisonic Technologies MC34072-S08-R Datasheet HTML 3Page - Unisonic Technologies MC34072-S08-R Datasheet HTML 4Page - Unisonic Technologies MC34072-S08-R Datasheet HTML 5Page - Unisonic Technologies MC34072-S08-R Datasheet HTML 6Page - Unisonic Technologies MC34072-S08-R Datasheet HTML 7Page - Unisonic Technologies MC34072-S08-R Datasheet HTML 8Page - Unisonic Technologies MC34072-S08-R Datasheet HTML 9Page - Unisonic Technologies MC34072-S08-R Datasheet HTML 10Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
MC34072
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 11
www.unisonic.com.tw
QW-R105-007,C
TYPICAL CHARACTERISTICS
Maximum Power Dissipation vs. Temperature for
Package Types
1200
800
0
-55
-20
Ambient Temperature, TA (℃)
2400
2000
1600
400
60
100
160
Plastic Pkg
140
20
120
80
40
-40
0
SOP Pkg
Input Offset Voltage vs. Temperature for
Representative Units
0
-2.0
-55
-25
4.0
2.0
-4.0
75
125
100
50
25
0
VCC = +15V
VEE = -15V
VCM = 0
Ambient Temperature, TA (℃)
Input Common Mode Voltage Range vs.
Temperature
VEE
-55
-25
Ambient Temperature, TA (℃)
VCC
VEE+0.01
75
125
100
50
25
0
VEE
Normalized Input Bias Current vs. Temperature
1.0
0.9
-55
-25
Ambient Temperature, TA (℃)
1.3
1.1
0.8
75
125
100
50
25
0
VCC = +15V
VEE = -15V
VCM = 0
VCC VCC/VEE = +1.5V/-1.5V ~ +22V/ -22V
VCC-2.4
VCC-1.6
VCC-0.8
1.2
0.7
Normalized Input Bias Current vs. Input Common Mode
Voltage
0.6
-1.2
-8.0
Input Common Mode Voltage, VIC (V)
1.4
0.8
12
8.0
4.0
0
-4.0
Split Supply Output Voltage Swing vs. Supply Voltage
30
20
5.0
Supply Voltage, VCC, |VEE| (V)
50
10
25
20
15
10
1.0
1.2
40
0
VCC = +15V
VEE = -15V
TA = 25℃
RL Connected to
Ground TA = 25℃
RL = 2.0k
RL =10k
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com