Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3512-S14-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # 3512-S14-R
Description  PC POWER SUPPLY SUPERVISORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3512-S14-R Datasheet(HTML) 6 Page - Unisonic Technologies

  3512-S14-R Datasheet HTML 1Page - Unisonic Technologies 3512-S14-R Datasheet HTML 2Page - Unisonic Technologies 3512-S14-R Datasheet HTML 3Page - Unisonic Technologies 3512-S14-R Datasheet HTML 4Page - Unisonic Technologies 3512-S14-R Datasheet HTML 5Page - Unisonic Technologies 3512-S14-R Datasheet HTML 6Page - Unisonic Technologies 3512-S14-R Datasheet HTML 7Page - Unisonic Technologies 3512-S14-R Datasheet HTML 8Page - Unisonic Technologies 3512-S14-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
3512
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 9
www.unisonic.com.tw
QW-R502-073,A
ELECTRICAL CHARACTERISTICS(Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PSON CONTROL
High-Level Input Voltage
VIH
1.9
V
Low-Level Input Voltage
VIL
0.98
V
Timing PGO Low to FPO High
TPSOFF
1.6
2.8
4.0
mS
ON
24
38
57
mS
Timing PSON to On/Off
OFF
TPSON
24
38
57
mS
Input Pull-up Current
IPSON
PSON = 0V
120
µA
TOTAL DEVICE
Supply Current
IDD
PSON = 5V, VDD = 5V
1.0
1.8
mA
VDD Start Threshold Voltage
VTHD
4.0
V
VDD Min. Operation Voltage After Start-up
VMIN
3.65
V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com