Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3512-S14-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 3512-S14-R
Description  PC POWER SUPPLY SUPERVISORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3512-S14-R Datasheet(HTML) 1 Page - Unisonic Technologies

  3512-S14-R Datasheet HTML 1Page - Unisonic Technologies 3512-S14-R Datasheet HTML 2Page - Unisonic Technologies 3512-S14-R Datasheet HTML 3Page - Unisonic Technologies 3512-S14-R Datasheet HTML 4Page - Unisonic Technologies 3512-S14-R Datasheet HTML 5Page - Unisonic Technologies 3512-S14-R Datasheet HTML 6Page - Unisonic Technologies 3512-S14-R Datasheet HTML 7Page - Unisonic Technologies 3512-S14-R Datasheet HTML 8Page - Unisonic Technologies 3512-S14-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
UNISONIC TECHNOLOGIES CO., LTD
3512
CMOS IC
www.unisonic.com.tw
1 of 9
Copyright © 2005 Unisonic Technologies Co., Ltd
QW-R502-073,A
PC POWER SUPPLY
SUPERVISORS
DESCRIPTION
The UTC 3512 is specially designed for switching power supply
system. It provides over-voltage protection, over-current protection,
under-voltage protection, on/off control and power good signal
generating.
OVP/UVP (Over/Under-Voltage Protection) monitors 3.3V, 5V
and double 12V to protect our power supply and PC, FPO goes to
high when one of these supply voltages exceeds their normal
operation voltage range.
OCP (Over Current Protection) monitors IS33, IS5, IS12 input
current. The voltage difference across external current shunt is
used for OCP functions. An external resistor which is connected
between the RI pin and the GND pin can be used to adjust
protection threshold. To achieve better immunity for lighting surge
glitch and to prevent accidental power shut down during dynamic
loading condition, the de-bounce time for UVP/OCP is 73us
respectively. The deglitch time for OVP is 73uS for better noise
immunity.
The power supply is turned on after 38mS de-bounce time when
PSON signal is set from high to low. To turn off power supply,
PSON signal is set from low to high and the de-bounce time is
115mS. When PGI input voltage level is lower than the internal
1.15V reference voltage, after 73uS de-bounce time, the PGO
signal is pulled low.
FEATURES
* Over/Under-voltage protection for 3.3V, 5V, and two 12V
* Over-current protection for 3.3V, 5V, and two 12V
* PGO and FPO pins with open drain output stage
* 300mS power good delay from PGI to PGO
* 75mS delay for 3.3V, 5V and 12V power turn on
* 2.8mS delay for PSON control to FPO turn off
* 38mS / 115mS PSON on/off de-bounce time
* 73uS width noise deglitches
* 73uS de-bounce time for UVP and OCP
* Wide supply voltage range
DIP-14
SOP-14
*Pb-free plating product number: 3512L
ORDERING INFORMATION
Order Number
Normal
Lead Free Plating
Package
Packing
3512-D14-T
3512L-D14-T
DIP-14
Tube
3512-S14-R
3512L-S14-R
SOP-14
Tape Reel
3512-S14-T
3512L-S14-T
SOP-14
Tube


Similar Part No. - 3512-S14-R

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
3512-00 PEREGRINE-3512-00 Datasheet
224Kb / 8P
1500 MHz Low Power UltraCMOS??Divide-by-4 Prescaler
3512-01 PEREGRINE-3512-01 Datasheet
224Kb / 8P
1500 MHz Low Power UltraCMOS??Divide-by-4 Prescaler
3512-02 PEREGRINE-3512-02 Datasheet
224Kb / 8P
1500 MHz Low Power UltraCMOS??Divide-by-4 Prescaler
logo
Lumberg
3512-1 LUMBERG-3512-1 Datasheet
110Kb / 2P
RAST-2.5-Steckverbinder, Raster 2,5/5,0 mm
3512-1 LUMBERG-3512-1 Datasheet
403Kb / 4P
RAST 2.5 connectors, pitch 2.5/5.0 mm
More results

Similar Description - 3512-S14-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SG6513 ETC-SG6513 Datasheet
227Kb / 11P
PC Power Supply Supervisors
logo
Texas Instruments
LP7510 TI-LP7510 Datasheet
2Mb / 12P
PC POWER SUPPLY SUPERVISORS
logo
Fairchild Semiconductor
SG6516 FAIRCHILD-SG6516 Datasheet
504Kb / 12P
PC Power Supply Supervisors
SG6510X1 FAIRCHILD-SG6510X1 Datasheet
267Kb / 9P
PC Power Supply Supervisors
SG6520A FAIRCHILD-SG6520A Datasheet
1,000Kb / 12P
PC Power Supply Supervisors
logo
Unisonic Technologies
S3515 UTC-S3515 Datasheet
202Kb / 8P
PC POWER SUPPLY SUPERVISORS
S3525 UTC-S3525 Datasheet
303Kb / 9P
PC POWER SUPPLY SUPERVISORS
logo
Texas Instruments
TPS3510DR TI-TPS3510DR Datasheet
520Kb / 18P
PC POWER SUPPLY SUPERVISORS
logo
Unisonic Technologies
3510 UTC-3510_15 Datasheet
328Kb / 8P
PC POWER SUPPLY SUPERVISORS
S3515 UTC-S3515_15 Datasheet
202Kb / 8P
PC POWER SUPPLY SUPERVISORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com