Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3512-S14-R Datasheet(PDF) 8 Page - Unisonic Technologies

Part # 3512-S14-R
Description  PC POWER SUPPLY SUPERVISORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3512-S14-R Datasheet(HTML) 8 Page - Unisonic Technologies

  3512-S14-R Datasheet HTML 1Page - Unisonic Technologies 3512-S14-R Datasheet HTML 2Page - Unisonic Technologies 3512-S14-R Datasheet HTML 3Page - Unisonic Technologies 3512-S14-R Datasheet HTML 4Page - Unisonic Technologies 3512-S14-R Datasheet HTML 5Page - Unisonic Technologies 3512-S14-R Datasheet HTML 6Page - Unisonic Technologies 3512-S14-R Datasheet HTML 7Page - Unisonic Technologies 3512-S14-R Datasheet HTML 8Page - Unisonic Technologies 3512-S14-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
3512
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
8 of 9
www.unisonic.com.tw
QW-R502-073,A
TIMING DIAGRAM
PSON On/Off and 3.3V, 5V,12V OVP Function
VDD
PSON
FPO
PGI
PGO
TPSON(ON)
TOVP
TPG
TPSOFF
3.3V,5V,12V
TPSON(OFF)
3.3V,5 V,12V OVP UVP and OCP Function
VDD
PSON
FPO
PGI
PGO
12V
TOVP
TUVP
TOCP
OCP



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com