Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM102AI Datasheet(PDF) 4 Page - Texas Instruments

Part # TSM102AI
Description  DUAL OPERATIONAL AMPLIFIER, DUAL COMPARATOR, AND VOLTAGE REFERENCE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSM102AI Datasheet(HTML) 4 Page - Texas Instruments

  TSM102AI Datasheet HTML 1Page - Texas Instruments TSM102AI Datasheet HTML 2Page - Texas Instruments TSM102AI Datasheet HTML 3Page - Texas Instruments TSM102AI Datasheet HTML 4Page - Texas Instruments TSM102AI Datasheet HTML 5Page - Texas Instruments TSM102AI Datasheet HTML 6Page - Texas Instruments TSM102AI Datasheet HTML 7Page - Texas Instruments TSM102AI Datasheet HTML 8Page - Texas Instruments TSM102AI Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
www.ti.com
Comparator Electrical Characteristics
TSM102
,, TSM102A
DUAL OPERATIONAL AMPLIFIER, DUAL COMPARATOR,
AND VOLTAGE REFERENCE
SLVS602 – MARCH 2006
V
CC+ = 5 V, VCC– = GND (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
25
°C
5
VIO
Input offset voltage
mV
Full range
9
Comparator differential
VID
Full range
VCC+
V
input voltage
25
°C
50
IIO
Input offset current
nA
Full range
150
25
°C
250
IIB
Input bias current
nA
Full range
400
25
°C
0.1
nA
IOH
High-level output current
VID = 1 V, VCC = VO = 30 V
Full range
1
µA
25
°C
250
400
VOL
Low-level output voltage
VID = –1 V, Isink = 4 mA
mV
Full range
700
VCC+ = 15 V, R1 = 15 kΩ,
AVD
Large-signal voltage gain
25
°C
200
V/mV
VO = 1 V to 11 V
Isink
Output sink current
VO = 1.5 V, VID = –1 V
25
°C
6
16
mA
25
°C
0
VCC+ – 1.5
Input common-mode
VICM
V
voltage range
Full range
0
VCC+ – 2
tRESP
Response time(1)
R1 = 5.1 k
Ω to V
CC+, VREF = 1.4 V
25
°C
1.3
µs
R1 = 5.1 k
Ω to V
CC+, VREF = 1.4 V,
tRESP,large
Large-signal response time
25
°C
300
ns
VI = TTL
(1)
The response-time specification is for 100-mV input step with 5-mV overdrive. For larger overdrive signals, 300 ns can be obtained.
4
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com