Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM102AI Datasheet(PDF) 1 Page - Texas Instruments

Part # TSM102AI
Description  DUAL OPERATIONAL AMPLIFIER, DUAL COMPARATOR, AND VOLTAGE REFERENCE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSM102AI Datasheet(HTML) 1 Page - Texas Instruments

  TSM102AI Datasheet HTML 1Page - Texas Instruments TSM102AI Datasheet HTML 2Page - Texas Instruments TSM102AI Datasheet HTML 3Page - Texas Instruments TSM102AI Datasheet HTML 4Page - Texas Instruments TSM102AI Datasheet HTML 5Page - Texas Instruments TSM102AI Datasheet HTML 6Page - Texas Instruments TSM102AI Datasheet HTML 7Page - Texas Instruments TSM102AI Datasheet HTML 8Page - Texas Instruments TSM102AI Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
www.ti.com
FEATURES
APPLICATIONS
D (SOIC) OR PW (TSSOP) PACKAGE
(TOP VIEW)
CATHODE
3OUT
3IN−
3IN+
1OUT
1IN−
1IN+
V
CC+
2OUT
2IN−
2IN+
V
REF
V
CC–
4IN+
4IN−
4OUT
1
16
7
6
5
4
3
2
8
9
10
11
12
13
14
15
+
–
+
–
+
–
+
–
COMP
COMP
AMP
AMP
DESCRIPTION/ORDERING INFORMATION
TSM102
,, TSM102A
DUAL OPERATIONAL AMPLIFIER, DUAL COMPARATOR,
AND VOLTAGE REFERENCE
SLVS602 – MARCH 2006
•
Switch-Mode Power Supplies
•
OPERATIONAL AMPLIFIERS
•
Battery Chargers
– Low Supply Current
…200 µA/A
•
Voltage and Current Sensing
– Medium Speed
…2.1 MHz
•
Power-Good, Overvoltage, Undervoltage,
– Low-Level Output Voltage Close to
Overcurrent Detection
VCC–…0.1 V Typ (RL = 10 kΩ)
•
Window Comparators
– Input Common-Mode Voltage Range
•
Alarms, Detectors, and Sensors
Includes Ground
•
COMPARATORS
– Low Supply Current
…200 µA/A
(VCC = 5 V)
– Input Common-Mode Voltage Range
Includes Ground
– Low Output Saturation Voltage
…
Typically 250 mV (Isink = 4 mA)
•
VOLTAGE REFERENCE
– Adjustable Output Voltage
…V
REF to 36 V
– Sink Current Capability
…1 mA to 100 mA
– 0.4% (A Grade) and 1% (Standard Grade)
Precision
– Latch-Up Immunity
The TSM102 and TMS102A combine the building blocks of a dual operational amplifier, a dual comparator, and
a precision voltage reference, all of which often are used to implement a wide variety of power-management
functions, including overcurrent detection, undervoltage/overvoltage detection, power-good detection, window
comparators, error amplifiers, etc. Additional applications include alarm and detector/sensor applications.
The TSM102A offers a tight VREF tolerance of 0.4% at 25°C. The TSM102 and TSM102A are characterized for
operation from –40
°C to 85°C.
ORDERING INFORMATION
MAX VREF
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
TOLERANCE (25
°C)
Tube of 75
TSM102AID
SOIC – D
TSM102AI
Reel of 2500
TSM102AIDR
A grade:
0.4% precision
Tube of 90
TSM102AIPW
TSSOP – PW
SN102AI
Reel of 2000
TSM102AIPWR
–40
°C to 85°C
Tube of 75
TSM102ID
SOIC – D
TSM102I
Reel of 2500
TSM102IDR
Standard grade:
1% precision
Tube of 90
TSM102IPW
TSSOP – PW
SN102I
Reel of 2000
TSM102IPWR
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TSM102AI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSM102AI STMICROELECTRONICS-TSM102AI Datasheet
74Kb / 10P
DUAL OPERATIONAL AMPLIFIER - DUAL COMPARATOR AND ADJUSTABLE VOLTAGE REFERENCE
Feb-1999
TSM102AI STMICROELECTRONICS-TSM102AI Datasheet
102Kb / 9P
VOLTAGE AND CURRENT CONTROLLER
Jan-2004
TSM102AI STMICROELECTRONICS-TSM102AI Datasheet
105Kb / 9P
VOLTAGE AND CURRENT CONTROLLER
Jan-2004
TSM102AID STMICROELECTRONICS-TSM102AID Datasheet
74Kb / 10P
DUAL OPERATIONAL AMPLIFIER - DUAL COMPARATOR AND ADJUSTABLE VOLTAGE REFERENCE
Feb-1999
logo
Texas Instruments
TSM102AID TI1-TSM102AID Datasheet
1Mb / 17P
DUAL OPERATIONAL AMPLIFIER, DUAL COMPARATOR
More results

Similar Description - TSM102AI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSM102 STMICROELECTRONICS-TSM102 Datasheet
74Kb / 10P
DUAL OPERATIONAL AMPLIFIER - DUAL COMPARATOR AND ADJUSTABLE VOLTAGE REFERENCE
Feb-1999
TSM103WAID STMICROELECTRONICS-TSM103WAID Datasheet
53Kb / 7P
Dual Operational Amplifier and Voltage Reference
02-Apr-2004
logo
ON Semiconductor
NCP4300A ONSEMI-NCP4300A_05 Datasheet
65Kb / 8P
Dual Operational Amplifier and Voltage Reference
March, 2005 ??Rev. 3
logo
Gamma Microelectronics ...
GMA103A GAMMA-GMA103A Datasheet
261Kb / 9P
DUAL OPERATIONAL AMPLIFIER AND VOLTAGE REFERENCE
logo
GTM CORPORATION
GP103A GTM-GP103A Datasheet
184Kb / 4P
DUAL OPERATIONAL AMPLIFIER AND VOLTAGE REFERENCE
logo
First Components Intern...
FTSM102A FCI-FTSM102A Datasheet
177Kb / 9P
Dual Operational Amplifier Dual Comparator and Adjustable Voltage Reference
logo
Unisonic Technologies
UM602 UTC-UM602 Datasheet
56Kb / 6P
DUAL OPERATIONAL AMPLIFIER-DUAL COMPARATOR AND ADJUSTABLE VOLTAGE REFERENCE
logo
Cystech Electonics Corp...
LM103AQ8 CYSTEKEC-LM103AQ8 Datasheet
281Kb / 6P
Dual Operational Amplifier and Voltage Reference
logo
ON Semiconductor
NCP4300A ONSEMI-NCP4300A_09 Datasheet
145Kb / 7P
Dual Operational Amplifier and Voltage Reference
August, 2009 ??Rev. 4
logo
Unisonic Technologies
UM602A UTC-UM602A_17 Datasheet
166Kb / 6P
DUAL OPERATIONAL AMPLIFIER-DUAL COMPARATOR AND ADJUSTABLE VOLTAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com