Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM102AI Datasheet(PDF) 3 Page - Texas Instruments

Part # TSM102AI
Description  DUAL OPERATIONAL AMPLIFIER, DUAL COMPARATOR, AND VOLTAGE REFERENCE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSM102AI Datasheet(HTML) 3 Page - Texas Instruments

  TSM102AI Datasheet HTML 1Page - Texas Instruments TSM102AI Datasheet HTML 2Page - Texas Instruments TSM102AI Datasheet HTML 3Page - Texas Instruments TSM102AI Datasheet HTML 4Page - Texas Instruments TSM102AI Datasheet HTML 5Page - Texas Instruments TSM102AI Datasheet HTML 6Page - Texas Instruments TSM102AI Datasheet HTML 7Page - Texas Instruments TSM102AI Datasheet HTML 8Page - Texas Instruments TSM102AI Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
www.ti.com
Operational Amplifier Electrical Characteristics
TSM102
,, TSM102A
DUAL OPERATIONAL AMPLIFIER, DUAL COMPARATOR,
AND VOLTAGE REFERENCE
SLVS602 – MARCH 2006
V
CC+ = 5 V, VCC– = GND, R1 connected to VCC/2 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
25
°C
1
4.5
VIO
Input offset voltage
mV
Full range
6.5
αV
IO
Input offset voltage drift
25
°C
10
µV/°C
25
°C
5
20
IIO
Input offset current
nA
Full range
40
25
°C
20
100
IIB
Input bias current
nA
Full range
200
25
°C
50
100
VCC+ = 30 V, R1 = 10 kΩ,
AVD
Large-signal voltage gain
V/mV
VO = 5 V to 25 V
Full range
25
kSVR
Supply-voltage rejection ratio
VCC+ = 5 V to 30 V
25
°C
80
100
dB
25
°C
VCC–
VCC+ – 1.8
VICM
Input common-mode voltage
V
Full range
VCC–
VCC+ – 2.2
VCC+ = 30 V,
CMRR
Common-mode rejection ratio
25
°C
70
90
dB
VICM = 0 V to VCC+ – 1.8 V
Source
3
6
ISC
Short-circuit current
VID = ±1 V, VO = 2.5 V
25
°C
mA
Sink
3
6
25
°C
27
28
VOH
High-level output voltage
VCC+ = 30 V, RL = 10 kΩ
V
Full range
26
25
°C
130
170
VOL
Low-level output voltage
RL = 10 kΩ
mV
Full range
200
VCC = ±15 V, CL = 100 pF,
SR
Slew rate
25
°C
1.3
2
V/
µs
VI = ±10 V, RL = 10 kΩ
GBW
Gain bandwidth product
RL = 10 kΩ, CL = 100 pF, f = 100 kHz
25
°C
1.4
2.1
MHz
Φm
Phase margin
RL = 10 kΩ, CL = 100 pF
25
°C
45
°
THD
Total harmonic distortion
25
°C
0.01
%
Vn
Equivalent input noise voltage
f = 1 kHz
25
°C
19
nV/
√Hz
3
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com