Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8715/IG/MPAC Datasheet(PDF) 5 Page - Zarlink Semiconductor Inc

Part # SP8715/IG/MPAC
Description  1100MHz Very Low Current Multi-Modulus Divider
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SP8715/IG/MPAC Datasheet(HTML) 5 Page - Zarlink Semiconductor Inc

  SP8715/IG/MPAC Datasheet HTML 1Page - Zarlink Semiconductor Inc SP8715/IG/MPAC Datasheet HTML 2Page - Zarlink Semiconductor Inc SP8715/IG/MPAC Datasheet HTML 3Page - Zarlink Semiconductor Inc SP8715/IG/MPAC Datasheet HTML 4Page - Zarlink Semiconductor Inc SP8715/IG/MPAC Datasheet HTML 5Page - Zarlink Semiconductor Inc SP8715/IG/MPAC Datasheet HTML 6Page - Zarlink Semiconductor Inc SP8715/IG/MPAC Datasheet HTML 7Page - Zarlink Semiconductor Inc SP8715/IG/MPAC Datasheet HTML 8Page - Zarlink Semiconductor Inc SP8715/IG/MPAC Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
4
SP8715
Figure 3 Typical Input Characteristics
Ratio
Modulus
Division
Select
Control
Ratio
(Pin 3)
(Pin 6)
L
L
129
L
H
128
HL
65
HH
64
TYPICAL
SENSITIVITY
TYPICAL
OVERLOAD
1000
800
600
400
200
0
200
400
600
800
1000
1200
* Tested as specified in table of Electrical Characteristics
FREQUENCY (MHZ)
GUARANTEED*
OPERATING WINDOW
Table 1 Truth Table
Figure 4 Modulus Control Timing Diagram
RF INPUT
CLOCK
MODULUS
CONTROL
INPUTS
OUTPUT
t s
t h
32 (64)
32 (64) or 33 (65)
DON'T CARE
DON'T CARE



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com