Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8715/IG/MPAC Datasheet(PDF) 2 Page - Zarlink Semiconductor Inc

Part # SP8715/IG/MPAC
Description  1100MHz Very Low Current Multi-Modulus Divider
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SP8715/IG/MPAC Datasheet(HTML) 2 Page - Zarlink Semiconductor Inc

  SP8715/IG/MPAC Datasheet HTML 1Page - Zarlink Semiconductor Inc SP8715/IG/MPAC Datasheet HTML 2Page - Zarlink Semiconductor Inc SP8715/IG/MPAC Datasheet HTML 3Page - Zarlink Semiconductor Inc SP8715/IG/MPAC Datasheet HTML 4Page - Zarlink Semiconductor Inc SP8715/IG/MPAC Datasheet HTML 5Page - Zarlink Semiconductor Inc SP8715/IG/MPAC Datasheet HTML 6Page - Zarlink Semiconductor Inc SP8715/IG/MPAC Datasheet HTML 7Page - Zarlink Semiconductor Inc SP8715/IG/MPAC Datasheet HTML 8Page - Zarlink Semiconductor Inc SP8715/IG/MPAC Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
1
SP8715
SP8715
1100MHz Very Low Current Multi-Modulus Divider
DS3830
ISSUE 4.2
September 1999
Ordering Information
SP8715/IG/MPAS Industrial Temperature Range
Miniature Plastic SOIC Package
SP8715/IG/MPAC As Above supplied on Tape
and Reel
Description
The SP8715 is a switchable divide by 64/65, 128/129
programmable divider which is guaranteed to operate
up to 1100MHz. It will operate from a supply of 2.7V to
5.25V and requires typically 3.6mA (including the output
current). It also features a power down facility for battery
economy.
The RF inputs are internally biased and should be
capacitively coupled to the signal source. The output is
designed to interface with CMOS synthesisers.
Features
G Operation to 1100MHz
G Very Low Power
G Single Supply Operation 2.7V to 5.25V
G Power Down Facility for Battery Economy
G Latched Modulus Control Input
G Push Pull Output Drive
G ESD Protection on All Pins†
Applications
G Cellular Telephones
G Cordless Telephones
G Mobile Radio
† ESD precautions must be observed
BIAS
V
CC
2
7
5
250K
NOMINAL
4
CK
D
Q
6
3
V
CC
V
EE
1
8
V
EE
POWER
DOWN
OUTPUT
MC
RS
RF
INPUT
(CLOCK)
DIVIDE BY
4 / 5
DIVIDE BY
16 / 32
CONTROL
LOGIC
D TYPE
Figure 1 Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com