Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8715/IG/MPAC Datasheet(PDF) 8 Page - Zarlink Semiconductor Inc

Part # SP8715/IG/MPAC
Description  1100MHz Very Low Current Multi-Modulus Divider
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SP8715/IG/MPAC Datasheet(HTML) 8 Page - Zarlink Semiconductor Inc

Back Button SP8715/IG/MPAC Datasheet HTML 3Page - Zarlink Semiconductor Inc SP8715/IG/MPAC Datasheet HTML 4Page - Zarlink Semiconductor Inc SP8715/IG/MPAC Datasheet HTML 5Page - Zarlink Semiconductor Inc SP8715/IG/MPAC Datasheet HTML 6Page - Zarlink Semiconductor Inc SP8715/IG/MPAC Datasheet HTML 7Page - Zarlink Semiconductor Inc SP8715/IG/MPAC Datasheet HTML 8Page - Zarlink Semiconductor Inc SP8715/IG/MPAC Datasheet HTML 9Page - Zarlink Semiconductor Inc SP8715/IG/MPAC Datasheet HTML 10Page - Zarlink Semiconductor Inc SP8715/IG/MPAC Datasheet HTML 11Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
7
SP8715
Table.2 Coefficients for Figure 7
FREQ-MHZ
130.000
153.600
177.200
200.800
224.400
248.000
271.600
295.200
318.800
342.400
366.000
389.600
413.200
436.800
460.400
484.000
507.600
531.200
554.800
578.400
602.000
625.600
649.200
672.800
696.400
720.000
743.600
767.200
790.800
814.400
838.000
861.600
885.200
908.800
932.400
956.000
979.600
1003.20
1026.80
1050.40
1074.00
1097.60
1121.20
1144.80
1168.40
1192.00
1215.60
1239.20
1262.80
1286.40
1310.00
jx (
Ω)
-733.538
-688.623
-583.339
-545.839
-482.377
-441.798
-411.502
-369.645
-346.620
-323.129
-304.804
-280.556
-269.674
-255.279
-245.161
-234.680
-224.572
-211.375
-203.241
-194.613
-186.545
-182.049
-174.839
-168.320
-160.468
-156.267
-149.642
-145.328
-143.144
-137.557
-132.750
-129.254
-124.495
-120.568
-118.100
-113.395
-109.552
-105.975
-103.110
-99.886
-98.149
-98.605
-99.907
-100.925
-99.639
-98.425
-95.033
-92.553
-89.249
-86.081
-82.581
R (
Ω)
255.068
153.362
153.330
115.187
88.649
80.815
71.050
56.207
39.526
41.338
38.779
39.210
23.809
21.221
27.545
23.333
22.227
19.931
17.767
17.636
14.607
12.479
13.075
12.891
12.583
11.250
10.213
10.187
11.269
11.081
10.509
10.063
10.172
10.745
10.841
10.884
12.260
12.984
14.508
16.625
19.260
22.799
23.285
21.149
18.956
16.434
14.377
13.743
12.711
12.776
12.598



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com