Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM26LS32AC Datasheet(PDF) 4 Page - Texas Instruments

Part # AM26LS32AC
Description  QUADRUPLE DIFFERENTIAL LINE RECEIVERS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM26LS32AC Datasheet(HTML) 4 Page - Texas Instruments

  AM26LS32AC_06 Datasheet HTML 1Page - Texas Instruments AM26LS32AC_06 Datasheet HTML 2Page - Texas Instruments AM26LS32AC_06 Datasheet HTML 3Page - Texas Instruments AM26LS32AC_06 Datasheet HTML 4Page - Texas Instruments AM26LS32AC_06 Datasheet HTML 5Page - Texas Instruments AM26LS32AC_06 Datasheet HTML 6Page - Texas Instruments AM26LS32AC_06 Datasheet HTML 7Page - Texas Instruments AM26LS32AC_06 Datasheet HTML 8Page - Texas Instruments AM26LS32AC_06 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
AM26LS32AC, AM26LS32AI, AM26LS33AC,
AM26LS32AM, AM26LS33AM
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SLLS115D – OCTOBER 1980 – REVISED MARCH 2002
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
recommended operating conditions
MIN
NOM
MAX
UNIT
VCC
Supply voltage
AM26LS32AC, AM26LS32AI, AM26LS33AC
4.75
5
5.25
V
VCC
Supply voltage
AM26LS32AM, AM26LS33AM
4.5
5
5.5
V
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
VIC
Common mode input voltage
AM26LS32A
±7
V
VIC
Common-mode input voltage
AM26LS33A
±15
V
IOH
High-level output current
–440
µA
IOL
Low-level output current
8
mA
AM26LS32AC, AM26LS33AC
0
70
TA
Operating free-air temperature
AM26LS32AI
–40
85
°C
AM26LS32AM, AM26LS33AM
–55
125
electrical characteristics over recommended ranges of VCC, VIC, and operating free-air
temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIT
Positive-going
VO =VOHmin IOH = 440 µA
AM26LS32A
0.2
V
VIT+
gg
input threshhold voltage
VO = VOHmin, IOH = –440 µA
AM26LS33A
0.5
V
VIT
Negative-going
VO =0 45 V IOL =8mA
AM26LS32A
–0.2‡
V
VIT–
gg
g
input threshhold voltage
VO = 0.45 V, IOL = 8 mA
AM26LS33A
–0.5‡
V
Vhys
Hysteresis voltage
(VIT+ – VIT–)
50
mV
VIK
Enable-input clamp voltage
VCC = MIN,
II = –18 mA
–1.5
V
VOH
High level output voltage
VCC =MIN, VID = 1 V,
AM26LS32AC
AM26LS33AC
2.7
V
VOH
High-level output voltage
CC
,
ID
,
VI(G) = 0.8 V, IOH = –440 µA
AM26LS32AM, AM26LS32AI,
AM26LS33AM
2.5
V
VOL
Low level output voltage
VCC = MIN, VID = –1 V,
IOL = 4 mA
0.4
V
VOL
Low-level output voltage
CC
,
ID
,
VI(G) = 0.8 V
IOL = 8 mA
0.45
V
IOZ
Off-state
(high impedance state)
VCC = MAX
VO = 2.4 V
20
µA
IOZ
(high-impedance state)
output current
VCC = MAX
VO = 0.4 V
–20
µA
II
Line input current
VI = 15 V,
Other input at –10 V to 15 V
1.2
mA
II
Line input current
VI = –15 V,
Other input at –15 V to 10 V
–1.7
mA
II(EN)
Enable input current
VI = 5.5 V
100
µA
IIH
High-level enable current
VI = 2.7 V
20
µA
IIL
Low-level enable current
VI = 0.4 V
–0.36
mA
rI
Input resistance
VIC = –15 V to 15 V,
One input to ac ground
12
15
k
Ω
IOS
Short-circuit output current§
VCC = MAX
–15
–85
mA
ICC
Supply current
VCC = MAX,
All outputs disabled
52
70
mA
† All typical values are at VCC = 5 V, TA = 25°C, and VIC = 0.
‡ The algebraic convention, in which the less positive (more negative) limit is designated as minimum, is used in this data sheet for threshold levels
only.
§ Not more than one output should be shorted to ground at a time, and duration of the short circuit should not exceed one second.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com