Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM26LS32AC Datasheet(PDF) 5 Page - Texas Instruments

Part # AM26LS32AC
Description  QUADRUPLE DIFFERENTIAL LINE RECEIVERS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM26LS32AC Datasheet(HTML) 5 Page - Texas Instruments

  AM26LS32AC_06 Datasheet HTML 1Page - Texas Instruments AM26LS32AC_06 Datasheet HTML 2Page - Texas Instruments AM26LS32AC_06 Datasheet HTML 3Page - Texas Instruments AM26LS32AC_06 Datasheet HTML 4Page - Texas Instruments AM26LS32AC_06 Datasheet HTML 5Page - Texas Instruments AM26LS32AC_06 Datasheet HTML 6Page - Texas Instruments AM26LS32AC_06 Datasheet HTML 7Page - Texas Instruments AM26LS32AC_06 Datasheet HTML 8Page - Texas Instruments AM26LS32AC_06 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
AM26LS32AC, AM26LS32AI, AM26LS33AC,
AM26LS32AM, AM26LS33AM
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SLLS115D – OCTOBER 1980 – REVISED MARCH 2002
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
switching characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay time, low-to-high-level output
CL =15 pF
See Figure 1
20
35
ns
tPHL
Propagation delay time, high-to-low-level output
CL = 15 pF,
See Figure 1
22
35
ns
tPZH
Output enable time to high level
CL =15 pF
See Figure 1
17
22
ns
tPZL
Output enable time to low level
CL = 15 pF,
See Figure 1
20
25
ns
tPHZ
Output disable time from high level
CL =5 pF
See Figure 1
21
30
ns
tPLZ
Output disable time from low level
CL = 5 pF,
See Figure 1
30
40
ns
PARAMETER MEASUREMENT INFORMATION
S1 Open
S2 Closed
5 k
Ω
S1
RL = 2 kΩ
VCC
From Output
Under Test
CL
(see Note A)
See Note B
S2
tPHL
VOH
VOL
2.5 V
–2.5 V
tPLH
S1 and S2 Closed
VOLTAGE WAVEFORMS FOR tPLH, tPHL
TEST CIRCUIT
10%
90%
10%
90%
0
3 V
10%
10%
90%
90%
1.3 V
1.3 V
1.3 V
1.3 V
3 V
0
≤5 ns
10%
90%
10%
90%
0
3 V
10%
10%
90%
90%
1.3 V
1.3 V
1.3 V
1.3 V
3 V
0
Enable G
Enable G
tPZH
1.3 V
Output
VOH
0.5 V
≈1.4 V
tPHZ
S1 Closed
S2 Closed
tPZL
1.3 V
S1 Closed
S2 Open
S1 Closed
S2 Closed
VOL
0.5 V
tPLZ
VOLTAGE WAVEFORMS FOR tPHZ, tPZH
VOLTAGE WAVEFORMS FOR tPLZ, tPZL
Test
Point
Output
See Note C
See Note C
Input
Output
Enable G
Enable G
≤5 ns
≤5 ns
≤5 ns
≈1.4 V
NOTES: A. CL includes probe and jig capacitance.
B. All diodes are 1N3064 or equivalent.
C. Enable G is tested with G high; G is tested with G low.
00
1.3 V
1.3 V
Figure 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com