Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM26LS32AC Datasheet(PDF) 6 Page - Texas Instruments

Part # AM26LS32AC
Description  QUADRUPLE DIFFERENTIAL LINE RECEIVERS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM26LS32AC Datasheet(HTML) 6 Page - Texas Instruments

Back Button AM26LS32AC_06 Datasheet HTML 2Page - Texas Instruments AM26LS32AC_06 Datasheet HTML 3Page - Texas Instruments AM26LS32AC_06 Datasheet HTML 4Page - Texas Instruments AM26LS32AC_06 Datasheet HTML 5Page - Texas Instruments AM26LS32AC_06 Datasheet HTML 6Page - Texas Instruments AM26LS32AC_06 Datasheet HTML 7Page - Texas Instruments AM26LS32AC_06 Datasheet HTML 8Page - Texas Instruments AM26LS32AC_06 Datasheet HTML 9Page - Texas Instruments AM26LS32AC_06 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
AM26LS32AC, AM26LS32AI, AM26LS33AC,
AM26LS32AM, AM26LS33AM
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SLLS115D – OCTOBER 1980 – REVISED MARCH 2002
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
2
1
0
0
–10
–20
–30
3
4
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT†
5
–40
–50
VCC = 5.25 V
VCC = 5 V
VCC = 4.75 V
IOH – High-Level Output Current – mA
VID = 0.2 V
TA = 25°C
VCC = 5.5 V
VCC = 4.5 V
† VCC = 5.5 V and VCC = 4.5 V applies to M-suffix devices only.
Figure 2
2
0
0
10
203040
5060
HIGH-LEVEL OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
5
70
80
4
3
1
TA – Free-Air Temperature – °C
VCC = 5 V
VID = 0.2 mV
IOH = –440 µA
Figure 3
Figure 4
0.3
0.2
0.1
0
05
10
0.4
0.5
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
0.6
15
20
25
30
IOL – Low-Level Output Current – mA
VCC = 5 V
TA = 25°C
VID = –0.2 mV
Figure 5
0.3
0.2
0.1
0
0
10
203040
50
0.4
0.5
LOW-LEVEL OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
60
70
80
TA – Free-Air Temperature – °C
VCC = 5 V
VID = –0.2 V
IOL = 8 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com