Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT25C17API-20T Datasheet(PDF) 6 Page - Catalyst Semiconductor

Part # CAT25C17API-20T
Description  16K-Bit CMOS PARALLEL EEPROM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT25C17API-20T Datasheet(HTML) 6 Page - Catalyst Semiconductor

Back Button CAT25C17API-20T Datasheet HTML 2Page - Catalyst Semiconductor CAT25C17API-20T Datasheet HTML 3Page - Catalyst Semiconductor CAT25C17API-20T Datasheet HTML 4Page - Catalyst Semiconductor CAT25C17API-20T Datasheet HTML 5Page - Catalyst Semiconductor CAT25C17API-20T Datasheet HTML 6Page - Catalyst Semiconductor CAT25C17API-20T Datasheet HTML 7Page - Catalyst Semiconductor CAT25C17API-20T Datasheet HTML 8Page - Catalyst Semiconductor CAT25C17API-20T Datasheet HTML 9Page - Catalyst Semiconductor CAT25C17API-20T Datasheet HTML 10Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
CAT28C17A
6
Doc. No. 1075, Rev. B
ADDRESS
CE
OE
WE
tRC
DATA OUT
DATA VALID
DATA VALID
tCE
tOE
tOH
tAA
tOHZ
tHZ
VIH
HIGH-Z
tLZ
tOLZ
DEVICE OPERATION
Read
Data stored in the CAT28C17A is transferred to the data
bus when WE is held high, and both OE and CE are held
low. The data bus is set to a high impedance state when
either CE or OE goes high. This 2-line control architec-
ture can be used to eliminate bus contention in a system
environment.
Figure 4. Byte Write Cycle [WE Controlled]
ADDRESS
CE
OE
WE
tAS
DATA IN
DATA VALID
tCS
tAH
tCH
tWC
tOEH
tDL
tDH
tDS
tOES
tWP
RDY/BUSY
tDB
DATA OUT
HIGH-Z
Ready/BUSY (RDY/BUSY)
The RDY/BUSY pin is an open drain output which
indicates device status during programming. It is pulled
low during the write cycle and released at the end of
programming. Several devices may be OR-tied to the
same RDY/BUSY line.
Figure 3. Read Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com