Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT25C17API-20T Datasheet(PDF) 1 Page - Catalyst Semiconductor

Part # CAT25C17API-20T
Description  16K-Bit CMOS PARALLEL EEPROM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT25C17API-20T Datasheet(HTML) 1 Page - Catalyst Semiconductor

  CAT25C17API-20T Datasheet HTML 1Page - Catalyst Semiconductor CAT25C17API-20T Datasheet HTML 2Page - Catalyst Semiconductor CAT25C17API-20T Datasheet HTML 3Page - Catalyst Semiconductor CAT25C17API-20T Datasheet HTML 4Page - Catalyst Semiconductor CAT25C17API-20T Datasheet HTML 5Page - Catalyst Semiconductor CAT25C17API-20T Datasheet HTML 6Page - Catalyst Semiconductor CAT25C17API-20T Datasheet HTML 7Page - Catalyst Semiconductor CAT25C17API-20T Datasheet HTML 8Page - Catalyst Semiconductor CAT25C17API-20T Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
CAT28C17A
16K-Bit CMOS PARALLEL EEPROM
FEATURES
■ Fast Read Access Times: 200 ns
■ Low Power CMOS Dissipation:
–Active: 25 mA Max.
–Standby: 100
µA Max.
■ Simple Write Operation:
–On-Chip Address and Data Latches
–Self-Timed Write Cycle with Auto-Clear
■ Fast Write Cycle Time: 10ms Max
■ End of Write Detection:
–
DATA
DATA
DATA
DATA
DATA Polling
–RDY/
BSY
BSY
BSY
BSY
BSY Pin
■ Hardware Write Protection
■ CMOS and TTL Compatible I/O
■ 10,000 Program/Erase Cycles
■ 10 Year Data Retention
■ Commercial,Industrial and Automotive
Temperature Ranges
DESCRIPTION
The CAT28C17A is a fast, low power, 5V-only CMOS
parallel EEPROM organized as 2K x 8-bits. It requires
a simple interface for in-system programming. On-chip
address and data latches, self-timed write cycle with
auto-clear and VCC power up/down write protection
eliminate additional timing and protection hardware.
DATA Polling and a RDY/BSY pin signal the start and
end of the self-timed write cycle. Additionally, the
CAT28C17A features hardware write protection.
The CAT28C17A is manufactured using Catalyst’s ad-
vanced CMOS floating gate technology. It is designed to
endure 10,000 program/erase cycles and has a data
retention of 10 years. The device is available in JEDEC
approved 28-pin DIP and SOIC or 32-pin PLCC pack-
ages.
BLOCK DIAGRAM
ADDR. BUFFER
& LATCHES
ADDR. BUFFER
& LATCHES
INADVERTENT
WRITE
PROTECTION
CONTROL
LOGIC
TIMER
ROW
DECODER
COLUMN
DECODER
HIGH VOLTAGE
GENERATOR
A4–A10
CE
OE
WE
A0–A3
I/O0–I/O7
I/O BUFFERS
2,048 x 8
EEPROM
ARRAY
VCC
DATA POLLING
& RDY/BUSY
RDY/BUSY
© 2004 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
Doc. No. 1075, Rev. B
ALO
GEN FR
TM
LEAD FREE


Similar Part No. - CAT25C17API-20T

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT25C17 CATALYST-CAT25C17 Datasheet
66Kb / 10P
2K/4K/8K/16K/32K SPI Serial CMOS E2PROM
CAT25C17 CATALYST-CAT25C17 Datasheet
305Kb / 12P
1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT25C17GLATE13 CATALYST-CAT25C17GLATE13 Datasheet
305Kb / 12P
1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT25C17GLETE13 CATALYST-CAT25C17GLETE13 Datasheet
305Kb / 12P
1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT25C17GLITE13 CATALYST-CAT25C17GLITE13 Datasheet
305Kb / 12P
1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
More results

Similar Description - CAT25C17API-20T

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT28C16A CATALYST-CAT28C16A Datasheet
54Kb / 8P
16K-Bit CMOS PARALLEL E2PROM
CAT28C17A CATALYST-CAT28C17A Datasheet
59Kb / 8P
16K-Bit CMOS PARALLEL E2PROM
logo
Seiko Instruments Inc
S-2812A SII-S-2812A Datasheet
1,007Kb / 18P
CMOS 16K-bit PARALLEL EEPROM
logo
Catalyst Semiconductor
CAT28C16A CATALYST-CAT28C16A_04 Datasheet
417Kb / 10P
16K-Bit CMOS PARALLEL EEPROM
CAT28LV65 CATALYST-CAT28LV65_05 Datasheet
74Kb / 12P
64K-Bit CMOS PARALLEL EEPROM
logo
ON Semiconductor
CAT28C64B ONSEMI-CAT28C64B Datasheet
93Kb / 13P
64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
CAT28C64BL12 ONSEMI-CAT28C64BL12 Datasheet
78Kb / 13P
64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
CAT28C64BP-20 ONSEMI-CAT28C64BP-20 Datasheet
93Kb / 13P
64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
CAT28C65BP12 ONSEMI-CAT28C65BP12 Datasheet
81Kb / 13P
64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1009, Rev. H
CAT28C64BN-20 ONSEMI-CAT28C64BN-20 Datasheet
78Kb / 13P
64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com