Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT25C17API-20T Datasheet(PDF) 2 Page - Catalyst Semiconductor

Part # CAT25C17API-20T
Description  16K-Bit CMOS PARALLEL EEPROM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT25C17API-20T Datasheet(HTML) 2 Page - Catalyst Semiconductor

  CAT25C17API-20T Datasheet HTML 1Page - Catalyst Semiconductor CAT25C17API-20T Datasheet HTML 2Page - Catalyst Semiconductor CAT25C17API-20T Datasheet HTML 3Page - Catalyst Semiconductor CAT25C17API-20T Datasheet HTML 4Page - Catalyst Semiconductor CAT25C17API-20T Datasheet HTML 5Page - Catalyst Semiconductor CAT25C17API-20T Datasheet HTML 6Page - Catalyst Semiconductor CAT25C17API-20T Datasheet HTML 7Page - Catalyst Semiconductor CAT25C17API-20T Datasheet HTML 8Page - Catalyst Semiconductor CAT25C17API-20T Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
CAT28C17A
2
Doc. No. 1075, Rev. B
PIN CONFIGURATION
I/O2
VSS
I/O5
13
14
22
21
20
17
9
12
25
24
23
RDY/BUSY
I/O1
OE
A10
CE
A3
A2
A1
A0
5
6
7
8
1
2
3
4
A7
A6
A5
A4
A9
28
27
26
VCC
WE
A8
A6
A5
A4
A3
5
6
7
8
A2
A1
A0
NC
9
10
11
12
I/O0
13
A8
A9
NC
NC
29
28
27
26
OE
A10
CE
25
24
23
22
I/O7
21
14 15 16 17 18 19 20
4321 32 31 30
I/O4
I/O3
16
15
I/O6
TOP VIEW
I/O6
19
18
11
I/O0
I/O7
NC
10
NC
NC
I/O2
VSS
I/O5
13
14
22
21
20
17
9
12
25
24
23
RDY/BUSY
I/O1
OE
A10
CE
A3
A2
A1
A0
5
6
7
8
1
2
3
4
A7
A6
A5
A4
A9
28
27
26
VCC
WE
A8
I/O4
I/O3
16
15
I/O6
19
18
11
I/O0
I/O7
NC
10
NC
NC
DIP Package (P, L)
PLCC Package (N, G)
SOIC Package (J,W) (K, X)
PIN FUNCTIONS
Pin Name
Function
A0–A10
Address Inputs
I/O0–I/O7
Data Inputs/Outputs
RDY/BUSY
Ready/BUSY Status
CE
Chip Enable
OE
Output Enable
WE
Write Enable
VCC
5V Supply
VSS
Ground
NC
No Connect
MODE SELECTION
Mode
CE
WE
OE
I/O
Power
Read
L
H
L
DOUT
ACTIVE
Byte Write (WE Controlled)
L
H
DIN
ACTIVE
Byte Write (CE Controlled)
L
H
DIN
ACTIVE
Standby, and Write Inhibit
H
X
X
High-Z
STANDBY
Read and Write Inhibit
X
H
H
High-Z
ACTIVE
CAPACITANCE TA = 25°C, f = 1.0 MHz, VCC = 5V
Symbol
Test
Max.
Units
Conditions
CI/O(1)
Input/Output Capacitance
10
pF
VI/O = 0V
CIN(1)
Input Capacitance
6
pF
VIN = 0V
Note:
(1) This parameter is tested initially and after a design or process change that affects the parameter.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com